Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VEL05 Datasheet(PDF) 2 Page - XP Power Limited

Part # VEL05
Description  AC-DC Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VEL05 Datasheet(HTML) 2 Page - XP Power Limited

  VEL05 Datasheet HTML 1Page - XP Power Limited VEL05 Datasheet HTML 2Page - XP Power Limited VEL05 Datasheet HTML 3Page - XP Power Limited VEL05 Datasheet HTML 4Page - XP Power Limited VEL05 Datasheet HTML 5Page - XP Power Limited VEL05 Datasheet HTML 6Page - XP Power Limited VEL05 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VEL05 Series
www.xppower.com
2
AC-DC Power Supplies
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
5.0
12.0
V
See Models and Ratings table
Minimum Load
0A
No minimum load required
Start Up Delay
4s
Start Up Rise Time
50
ms
Hold Up Time
8
ms
Full load and 100 VAC
Total Regulation
5%
See Models and Ratings table
Transient Response
4
% deviation
Recovely within <1% within 500 µs for a 50% step load
change at 0.2 A/µs
Ripple & Noise
200
mV pk-pk
20 MHz bandwidth
Short Circuit Protection
Continuous, trip and restart (hiccup mode) with auto recovely
Temperature Coefficient
0.05
%/ ˚C
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
74
79
%
See Models and Ratings table
Energy Efficiency
Level VI
Isolation
3000
VAC
Input to Output
Switching Frequency
24
70
kHz
Variable
Mean Time Between Failure
100
kHrs
MIL-HDBK-217F at 25 °C GB
Weight
0.28 (80)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
0
+60
°C
Derate from 100% load at 50 °C to 50% load at 60 °C
Storage Temperature
-40
+85
°C
Operating Humidity
5
95
%
RH, non-condensing
Cooling
Natural convection
Shock
1 m drop onto concrete on each of 6 axes
Vibration
10
300
Hz
2 g 15 mins/sweep, 30 mins for each of 3 axes
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD Immunity
EN61000-4-2
2,3
B
±4 kV contact, ±8 kV air
Radiated Immunity
EN61000-4-3
3 V/m
A
EFT/Burst
EN61000-4-4
Level 2
B
Surges
EN61000-4-5
Level 2
A
Conducted Immunity
EN61000-4-6
3 V
A
Magnetic Fields
EN61000-4-8
1 A/m
A
Dips and Interruptions
EN55024 100% 10 ms, 30% 500 ms, 100% 5000 ms, Perf Criteria A, A, B
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Level B
Radiated
EN55022
Level B
Harmonics Current
EN61000-3-2
Class A
Voltage Flicker
EN61000-3-3
Safety Approvals
Phenomenon
Standard
CB Report
IEC60950-1
UL
UL/cUL60950-1, approved as limited power source (LPS)
TUV
IEC60950-1
CCC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com