Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL100N8F7 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STL100N8F7
Description  High avalanche ruggedness
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL100N8F7 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STL100N8F7 Datasheet HTML 6Page - STMicroelectronics STL100N8F7 Datasheet HTML 7Page - STMicroelectronics STL100N8F7 Datasheet HTML 8Page - STMicroelectronics STL100N8F7 Datasheet HTML 9Page - STMicroelectronics STL100N8F7 Datasheet HTML 10Page - STMicroelectronics STL100N8F7 Datasheet HTML 11Page - STMicroelectronics STL100N8F7 Datasheet HTML 12Page - STMicroelectronics STL100N8F7 Datasheet HTML 13Page - STMicroelectronics STL100N8F7 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package information
STL100N8F7
10/14
DocID027058 Rev 3
Table 8: PowerFLAT™ 5x6 type C package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
1.00
A1
0.02
0.05
A2
0.25
b
0.30
0.50
C
5.80
6.00
6.20
D
5.00
5.20
5.40
D2
4.15
4.45
D3
4.05
4.20
4.35
D4
4.80
5.0
5.20
D5
0.25
0.4
0.55
D6
0.15
0.3
0.45
e
1.27
E
5.95
6.15
6.35
E2
3.50
3.70
E3
2.35
2.55
E4
0.40
0.60
E5
0.08
0.28
E6
0.2
0.325
0.450
E7
0.75
0.90
1.05
K
1.05
1.35
L
0.715
1.015
L1
0.05
0.15
0.25
θ
0°
12°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com