Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL100N8F7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL100N8F7
Description  High avalanche ruggedness
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL100N8F7 Datasheet(HTML) 4 Page - STMicroelectronics

  STL100N8F7 Datasheet HTML 1Page - STMicroelectronics STL100N8F7 Datasheet HTML 2Page - STMicroelectronics STL100N8F7 Datasheet HTML 3Page - STMicroelectronics STL100N8F7 Datasheet HTML 4Page - STMicroelectronics STL100N8F7 Datasheet HTML 5Page - STMicroelectronics STL100N8F7 Datasheet HTML 6Page - STMicroelectronics STL100N8F7 Datasheet HTML 7Page - STMicroelectronics STL100N8F7 Datasheet HTML 8Page - STMicroelectronics STL100N8F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STL100N8F7
4/14
DocID027058 Rev 3
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4: On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0, ID = 250 µA
80
V
IDSS
Zero gate voltage
drain current
VGS = 0, VDS = 80 V
1
µA
VGS = 0, VDS = 80 V,
TC = 125 °C
10
µA
IGSS
Gate-body leakage
current
VDS = 0, VGS = ±20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2.5
4.5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 10 A
5.2
6.1
mΩ
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS = 0, VDS = 40 V,
f = 1 MHz
-
3435
-
pF
Coss
Output capacitance
-
653
-
pF
Crss
Reverse transfer
capacitance
-
57
-
pF
Qg
Total gate charge
VDD = 40 V, ID = 20 A,
VGS = 10 V
(see Figure 14: "Test circuit
for gate charge behavior"
-
46.8
-
nC
Qgs
Gate-source charge
-
23.4
-
nC
Qgd
Gate-drain charge
-
11.2
-
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 40 V, ID = 10 A,
RG = 4.7
Ω, VGS = 10 V
(see Figure 13: "Test circuit
for resistive load switching
times" and Figure 18:
"Switching time waveform"
-
49
-
ns
tr
Rise time
-
95
-
ns
td(off)
Turn-off delay time
-
60
-
ns
tf
Fall time
-
32
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com