Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2804QJ-T Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT2804QJ-T
Description  5V/3.4A Dual Cell Backup Battery Power Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804QJ-T Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT2804QJ-T Datasheet HTML 1Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 2Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 3Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 4Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 5Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 6Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 7Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 8Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
FEATURES
Dedicated Single-chip Integrated Battery Power
Manager
Dual Cell Battery Charger with Cell Balancing
Management
Auto Detection support USB BC1.2, Chinese
YD/T 1591-2009, Apple 2.4A, and Samsung
Devices
Passed Apple MFi Test
4.5V-5.5V Input Voltage with 3.4A Input Current
Limit
2.4A+1.0A Dual Outputs with CC Regulation
5.07V+/-1% Output with Prioritized Power Path
from Input to Output
4.2V/4.35V +/- 0.5% Battery Charge Voltage
Accuracy of Each Cell
Output Plug-in Detection Wakeup and No Load
Detection Sleep Mode
Optimized Power Path and Battery Charge
Control
<10uA Low Battery Drainage Current
I2C Port for Optimal System Performance and
Status Reporting
Configurable Charge, Discharge and HZ modes
>92% Charge and Discharge Efficiency at 3.4A
Output for Full Battery Range
4 Modes of LED Operation
Preconditioning for Deeply Depleted Battery
Weak Input Sources Accommodation
Safety:
Input Over-voltage Protection
Nearly Zero Power Short Circuit Protection
Output Over-voltage Protection
Battery Over-charge and Over-discharge
Protections
Charge/Discharge Thermal Regulation
TQFN5x5-40 Package
APPLICATIONS
Backup Battery Pack
Power Bank
Mobile Power
Standalone Battery Charger with USB Output
GENERAL DESCRIPTION
ACT2804 is a space-saving and dedicated single-
chip solution for dual-cell battery charge and
discharge. It takes 5V USB input source to charge a
dual cell battery with boost configuration in three
phases: preconditioning, constant current, and
constant voltage. Charge is terminated when the
current reaches 10% of the fast charge rate. The
battery charger is thermally regulated at 110˚C with
charge current foldback.
If input 5V is not present, ACT2804 discharge a
dual cell battery with buck configuration to provide
5.07V+/-1% to output ports. There is a power path
from input to output. The cycle-by-cycle peak
current mode control, constant current regulation,
short circuit protection and over voltage protection
maximize safe operation.
ACT2804 provides 4 LED drive pins for battery
capacity level and charge status indication to
indicate 25%, 50%, 75%, and 75% above battery
level with battery impedance compensation. The
LED indication patterns are programmable .
ACT2804 is available in a thermally enhanced
5mmx5mm QFN55-40 package with exposed pad.
5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2804
Buck Output CC/CV
6.0
5.0
4.0
3.0
2.0
1.0
0
Output Current (mA)
0
500
1000
1500
2000
2500
3000
VBAT = 8.2V
VBAT = 6.0V
1A Output
2.4A Output
CSN2
CSN1
CSP
VOUT
HSB
BAT
BATS
BATP
BATC
CBD
BATN
ICST
TH
VREG
AGND
PB
LED1
LED2
LED3
LED4
RIMC
4.7uH
ACT2804
PGND
22uF
VIN
SW
4.5V-5.5V
VIN
5.07V/2.4A
5.07V/1A
VOUT2
VOUT1
25mΩ
25mΩ
25mΩ
22uF
22uF
1uF
22uF
22uF
510Ω
510Ω
47Ω
540k
8k
10k
47nF


Similar Part No. - ACT2804QJ-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2804QJ-T ACTIVE-SEMI-ACT2804QJ-T Datasheet
1Mb / 20P
5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2804QJ-T ACTIVE-SEMI-ACT2804QJ-T Datasheet
558Kb / 23P
5V/3.4A Dual Cell Battery Power Manager
Rev 3, Apr-17-2017
ACT2804QJ-T0435 ACTIVE-SEMI-ACT2804QJ-T0435 Datasheet
1Mb / 20P
5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2804QJ-T0435 ACTIVE-SEMI-ACT2804QJ-T0435 Datasheet
558Kb / 23P
5V/3.4A Dual Cell Battery Power Manager
Rev 3, Apr-17-2017
More results

Similar Description - ACT2804QJ-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2801QL-T0550 ACTIVE-SEMI-ACT2801QL-T0550 Datasheet
591Kb / 21P
5V/1.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2802QL-T ACTIVE-SEMI-ACT2802QL-T Datasheet
181Kb / 5P
5V/2.5A Backup Battery Pack Manager
Rev 0, 06-Nov-13
ACT2801 ACTIVE-SEMI-ACT2801_14 Datasheet
614Kb / 23P
5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2802 ACTIVE-SEMI-ACT2802_16 Datasheet
885Kb / 25P
5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2803 ACTIVE-SEMI-ACT2803_16 Datasheet
523Kb / 22P
5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2801 ACTIVE-SEMI-ACT2801_17 Datasheet
2Mb / 25P
5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2803 ACTIVE-SEMI-ACT2803 Datasheet
523Kb / 22P
5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2804 ACTIVE-SEMI-ACT2804_17 Datasheet
558Kb / 23P
5V/3.4A Dual Cell Battery Power Manager
Rev 3, Apr-17-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com