Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2804QJ-T Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT2804QJ-T
Description  5V/3.4A Dual Cell Backup Battery Power Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804QJ-T Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT2804QJ-T Datasheet HTML 9Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 10Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 11Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 12Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 13Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 14Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 15Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 16Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 17Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Rev 2, Feb-04-2016
Innovative PowerTM
- 13 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2804
APPLICATIONS INFORMATION
Figure 5: LED Indication
In discharge mode, when battery voltage goes
below LED1 threshold, LED1 starts flashing until
Buck (discharge mode) turns off due to either light
load or Buck UVLO. The flash frequencies for all
the LEDs are 0.5Hz with 1s on and 1s off.
In HZ mode, when PB is pressed for 40ms, Buck
turns on. If VBAT<LED1, LED1 starts flashing until
Buck turns off.
Conventional indication patterns could behave to
have two application. Setting RPT=4kΩ to have
“Always On”, setting RPT=12kΩ to have “5s
Indication”. The behaviors for both setting are same
in charge mode.
See below table for more information.
Below shows 4 LED indication patterns.
LED1-4 Refreshing Cycle
Every time when VIN is plugged in or a PB is
pushed, LED1, 2, 3, 4 turns on sequentially at 0.5s
interval, like a LED scanning, and then goes into
corresponding mode defined by PT pin.
LED1-4 Fault Alarm Signal
At fault conditions, actions are taken. In the
meantime, all the 4 LEDs turn on/off with 0.5s on
and 0.5s off for 10 seconds to send alarm signal
out. The fault conditions include battery OVP, UVP,
OTP.
PCB Board Layout Guidance
When laying out the printed circuit board, the
following checklist should be used to ensure proper
operation of the IC.
1. Arrange the power components to reduce the
AC loop area.
2. Place the decoupling ceramic capacitor as
close to BAT pin as possible. Use different
capacitance combination to get better EMI
performance.
3. Place the decoupling ceramic capacitors close
to VIN pin, VOUT pin, and BAT pin.
4. Use copper plane for power GND for best heat
dissipation and noise immunity.
5. Use Kevin sense from sense resistors to CSP
and CSN1, CSN2 pins, and the sense resistor
from BATS and BATP pins.
6. SW pad is a noisy node switching. It should be
isolated away from the rest of circuit for good
EMI and low noise operation.
7. Thermal pad is connected to GND layer through
vias. PGND and AGND should be single-point
connected.
8. RC snubber and external Schottky diode across
SW to PGND can be added as needed for
reducing
SW
spike
and
better
EMI
performance.
#
INDICATION PATTERN
RPT
1a
Conventional
Always On In Discharge
4kΩ
1b
Conventional
5s Indication in Discharge
12kΩ
2
Breathing
5s Indication in Discharge
24kΩ
3
Bottom Charging
5s Indication in Discharge
40kΩ
4
Circulating
5s Indication in Discharge
56kΩ
Conventional
Breathing
Bottom
Charging
Circulating
Flash
Always on
Circulating on
Breathing on/off
<25%
EOC
Off
75% SOC<100%
25% SOC<50%
50% SOC<75%
VREG
PB
LED1
LED2
LED3
LED4
ACT2804
GND
BAT
BATS
BATP
BATC
CBD
BATN
PT
LEDS1
LEDS2
LEDS3
LEDS4
RPT
RS1
RS2
RS3
RS4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com