Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4525 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT4525
Description  40V/3.5A CV/CC Buck Converter with USB Auto ?밆etect
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4525 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT4525 Datasheet HTML 3Page - Active-Semi, Inc ACT4525 Datasheet HTML 4Page - Active-Semi, Inc ACT4525 Datasheet HTML 5Page - Active-Semi, Inc ACT4525 Datasheet HTML 6Page - Active-Semi, Inc ACT4525 Datasheet HTML 7Page - Active-Semi, Inc ACT4525 Datasheet HTML 8Page - Active-Semi, Inc ACT4525 Datasheet HTML 9Page - Active-Semi, Inc ACT4525 Datasheet HTML 10Page - Active-Semi, Inc ACT4525 Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ACT4525
Rev1.1, December 17th, 2015
Innovative PowerTM
- 9 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
Typical Application Circuit for 5V/3.4A Car Charger
BOM List for 5V/3.4A Car Charger
ITEM REFERENCE
DESCRIPTION
MANUFACTURER
QTY
1
U1
IC, ACT4525, SOP-8EP
Active-Semi
1
2
C1
Capacitor, Electrolytic, 47µF/35V
Murata, TDK
1
3
C2
Capacitor, Ceramic, 10µF/25V, 1206, SMD
Murata, TDK
1
4
C3
Capacitor, Ceramic, 22nF/25V, 0603, SMD
Murata, TDK
1
5
C4
Capacitor, Ceramic, 10µF/10V, 1206, SMD
Murata, TDK
1
6
C5
Capacitor, Electrolytic, 470µF/10V
Murata, TDK
1
7
C6,C7
Capacitor, Ceramic, 2.2µF/10V, 0805, SMD
Murata, TDK
2
8
L1
Inductor, 33µH, 4.5A, 20%,
1
9
D1
Diode, Schottky, 40V/5A, SK54L
Panjit
1
10
Rcs1
Chip Resistor, 25mΩ, 1206, 1/2W, 1%
SART
1
11
Rcs2
Chip Resistor, 50mΩ, 1206, 1/2W, 1%
SART
1
U1
ACT4525
HSB
IN
SW
4.5V to 40V
DM
Rcs1
25mΩ
CSP
DP
Vout
GND
D-
D+
GND
CSN1
5.1V/2.4A
C2
10μF
C3
22nF
C5
470μF
C1
47μF
C4
10μF
C6
2.2μF
D1
SK54L
L1
33μH
Vout
GND
D-
D+
5.1V/1A
CSN2
Rcs2
50mΩ
C7
2.2μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com