Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4525 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4525
Description  40V/3.5A CV/CC Buck Converter with USB Auto ?밆etect
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4525 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4525 Datasheet HTML 1Page - Active-Semi, Inc ACT4525 Datasheet HTML 2Page - Active-Semi, Inc ACT4525 Datasheet HTML 3Page - Active-Semi, Inc ACT4525 Datasheet HTML 4Page - Active-Semi, Inc ACT4525 Datasheet HTML 5Page - Active-Semi, Inc ACT4525 Datasheet HTML 6Page - Active-Semi, Inc ACT4525 Datasheet HTML 7Page - Active-Semi, Inc ACT4525 Datasheet HTML 8Page - Active-Semi, Inc ACT4525 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
ACT4525
40V/3.5A CV/CC Buck Converter with USB Auto –Detect
Rev 1.1, December 17th, 2015
FEATURES
Pass Apple MFi Test
40V Input Voltage Surge
4.5V-36V Operational Input Voltage
Dual 5.1V Outputs with 1% Accuracy
Up to 3.5A Output Current
2.65A Constant Current Regulation for VOUT1
1.2A Constant Current Regulation for VOUT2
USB Auto-detect Support Apple 2.4A, Samsung
and BC1.2 Devices
Hiccup Mode Protection at Output Short
90% Efficiency at Full Load
0.5mA Low Standby Input Current
5.7V Output Over Voltage Protection
Cord Voltage Drop Compensation
Meet EN55022 Class B Radiated EMI Standard
8kV ESD HBM Protection on DP and DM
SOP-8EP Package
APPLICATIONS
Car Charger
Cigarette Lighter Adaptor (CLA)
Rechargeable Portable Device
CV/CC regulation DC/DC converter
GENERAL DESCRIPTION
ACT4525 is a wide input voltage, high efficiency
step-down DC/DC converter that operates in either
CV (Constant Output Voltage) mode or CC
(Constant Output Current) mode. ACT4525 has
separated output current limits for dual port CLA
applications. With the separated current limits, the
CLA can meet Apple’s MFi standard. ACT4525
provides up to 3.5A output current at 125kHz
switching frequency. ACT4525 builds in USB auto-
detect algorithms to recognize Apple, Samsung,
and BC1.2 devices to ensure maximum charge
current to attached devices. ACT4525 utilize
adaptive drive technique to achieve good EMI
performance while main 90% efficiency at full load
for mini size CLA designs. ACT4525 also built in
output short circuit protection with hiccup mode.
The average output current is reduced to below
6mA when output is shorted to ground. Other
features include output over voltage protection and
thermal shutdown.
The devices are available in a SOP-8EP package
and require very few external devices for operation.
2.4A
2.9A
5.25V
4.95V
5.10V
Vout1
Iout1
3.20V
Typical Application Circuit
ACT4525
HSB
IN
SW
4.5V to 40V
DM
Rcs1
25mΩ
CSP
DP
Vout
GND
D-
D+
GND
CSN1
5.1V/2.4A
C2
10μF
C3
22nF
C5
470μF
C1
47μF
C4
10μF
C6
2.2μF
D1
SK54L
L1
33μH
Vout
GND
D-
D+
5.1V/1A
CSN2
Rcs2
50mΩ
C7
2.2μF
* Patent Pending
V/I Profile
1.1A
1.3A
5.25V
4.95V
5.10V
Vout2
Iout2
3.20V


Similar Part No. - ACT4525

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4525YH-T ACTIVE-SEMI-ACT4525YH-T Datasheet
648Kb / 12P
40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 3, 06-Jan-2017
ACT4525YH-T0001 ACTIVE-SEMI-ACT4525YH-T0001 Datasheet
648Kb / 12P
40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 3, 06-Jan-2017
ACT4525 ACTIVE-SEMI-ACT4525_17 Datasheet
648Kb / 12P
40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 3, 06-Jan-2017
More results

Similar Description - ACT4525

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5242 AME-AME5242 Datasheet
839Kb / 15P
40V CC/CV Buck Converter
AME5244 AME-AME5244 Datasheet
875Kb / 15P
40V CC/CV Buck Converter
logo
Active-Semi, Inc
ACT4527 ACTIVE-SEMI-ACT4527 Datasheet
614Kb / 13P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 1, December 28th, 2015
ACT4528 ACTIVE-SEMI-ACT4528 Datasheet
1Mb / 13P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 1.2, December 28th, 2015
ACT4529 ACTIVE-SEMI-ACT4529 Datasheet
1Mb / 13P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 ,USB Auto-Detect and USB-PD
Rev 1, October 13th, 2015
ACT4527 ACTIVE-SEMI-ACT4527_17 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4528 ACTIVE-SEMI-ACT4528_16 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 2, 06-Jan-2016
ACT4529 ACTIVE-SEMI-ACT4529_17 Datasheet
1Mb / 15P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 4, 06-Jan-2017
EA4527YH ACTIVE-SEMI-EA4527YH Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4530M ACTIVE-SEMI-ACT4530M Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 04-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com