Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4526 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT4526
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4526 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT4526 Datasheet HTML 1Page - Active-Semi, Inc ACT4526 Datasheet HTML 2Page - Active-Semi, Inc ACT4526 Datasheet HTML 3Page - Active-Semi, Inc ACT4526 Datasheet HTML 4Page - Active-Semi, Inc ACT4526 Datasheet HTML 5Page - Active-Semi, Inc ACT4526 Datasheet HTML 6Page - Active-Semi, Inc ACT4526 Datasheet HTML 7Page - Active-Semi, Inc ACT4526 Datasheet HTML 8Page - Active-Semi, Inc ACT4526 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ACT4526
Rev1.2, December 28th, 2015
Innovative PowerTM
- 2 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
ORDERING INFORMATION
PIN CONFIGURATION
Top View
PART NUMBER
OPERATION TEMPERA-
TURE RANGE
PACKAGE
FREQUENCY
PACKING
ACT4526YH-T
-40°C to 85°C
SOP-8EP
125kHz
TAPE & REEL
8
7
6
5
1
2
3
4
CSP
CSN
GND
DP
IN
DM
SW
HSB
EP
ACT4526
SOP-8EP
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com