Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4526 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4526
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4526 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4526 Datasheet HTML 1Page - Active-Semi, Inc ACT4526 Datasheet HTML 2Page - Active-Semi, Inc ACT4526 Datasheet HTML 3Page - Active-Semi, Inc ACT4526 Datasheet HTML 4Page - Active-Semi, Inc ACT4526 Datasheet HTML 5Page - Active-Semi, Inc ACT4526 Datasheet HTML 6Page - Active-Semi, Inc ACT4526 Datasheet HTML 7Page - Active-Semi, Inc ACT4526 Datasheet HTML 8Page - Active-Semi, Inc ACT4526 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
FEATURES
Qualcomm® Quick Charge™ 2.0 Certified
40V Input Voltage Surge
4.5V-36V Operational Input Voltage
5.1V/9.1V/12.1V Output with +/-1% Accuracy
Up to 3.0A Output current
Constant Current Regulation Limit
QC2.0 Decoding
Hiccup Mode Protection at Output Short
>90% Efficiency at Full Load
0.5mA Low Standby Input Current
5.7V/10.1V/13.5V Output Over-voltage
Protection for 5.1V/9.1V/12.1V Outputs
Cord Voltage Compensation
Meet EN55022 Class B Radiated EMI Standard
8kV ESD HBM Protection on DP and DM
SOP-8EP Package
APPLICATIONS
Car Charger
Cigarette Lighter Adaptor (CLA)
Rechargeable Portable Device
CV/CC regulation DC/DC converter
GENERAL DESCRIPTION
ACT4526 is a wide input voltage, high efficiency
step-down DC/DC converter that operates in either
CV (Constant Output Voltage) mode or CC
(Constant Output Current) mode. ACT4526 has
QC2.0 decoding built in to provide 5.1V/9.1V/12.1V
outputs as requested by attached portable devices.
ACT4526 has accurate output current limits under
constant
current
regulation
to
meet
MFi
specification. ACT4526 provides up to 3.0A output
current at 125kHz switching frequency. ACT4526
utilizes adaptive drive technique to achieve good
EMI performance while main >90% efficiency at full
load for mini size CLA designs. It also has output
short circuit protection with hiccup mode. The
average output current is reduced to below 6mA
when output is shorted to ground. Other features
include output over voltage protection and thermal
shutdown.
ACT4526 is available in a SOP-8EP package and
require very few external components for operation.
ACT4526
40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 1.2, December 28th, 2015
Typical Application Circuit
V/I Profile
2.65A
5.1V
Vout
Iout
3.2V
9.1V
12.1V
ACT4526
HSB
IN
SW
4.5V to 40V
DM
Rcs
25mΩ
CSP
DP
Vout
GND
D-
D+
GND
CSN
5V/9V/12V
C2
10μF
C3
22nF
C5
220μF
C1
47μF
C4
22μF
C6
2.2μF
D1
SK54L
L1
47μH


Similar Part No. - ACT4526

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4526YH-T ACTIVE-SEMI-ACT4526YH-T Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
ACT4526YH-T ACTIVE-SEMI-ACT4526YH-T Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
ACT4526 ACTIVE-SEMI-ACT4526_17 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
More results

Similar Description - ACT4526

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4527 ACTIVE-SEMI-ACT4527 Datasheet
614Kb / 13P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 1, December 28th, 2015
ACT4528 ACTIVE-SEMI-ACT4528 Datasheet
1Mb / 13P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 1.2, December 28th, 2015
ACT4526 ACTIVE-SEMI-ACT4526_17 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
ACT4527 ACTIVE-SEMI-ACT4527_17 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4528 ACTIVE-SEMI-ACT4528_16 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 2, 06-Jan-2016
ACT4529 ACTIVE-SEMI-ACT4529_17 Datasheet
1Mb / 15P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 4, 06-Jan-2017
EA4526YH ACTIVE-SEMI-EA4526YH Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
EA4527YH ACTIVE-SEMI-EA4527YH Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4530 ACTIVE-SEMI-ACT4530 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 19-Nov-2018
ACT4530M ACTIVE-SEMI-ACT4530M Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 04-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com