Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4527 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT4527
Description  40V/3.0A CV/CC Buck Converter Featuring USB-PD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4527 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT4527 Datasheet HTML 5Page - Active-Semi, Inc ACT4527 Datasheet HTML 6Page - Active-Semi, Inc ACT4527 Datasheet HTML 7Page - Active-Semi, Inc ACT4527 Datasheet HTML 8Page - Active-Semi, Inc ACT4527 Datasheet HTML 9Page - Active-Semi, Inc ACT4527 Datasheet HTML 10Page - Active-Semi, Inc ACT4527 Datasheet HTML 11Page - Active-Semi, Inc ACT4527 Datasheet HTML 12Page - Active-Semi, Inc ACT4527 Datasheet HTML 13Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ACT4527
Rev 1, December 28
th, 2015
Innovative Power
TM
- 9 -
www.active-semi.com
Copyright
©
2
0
1
5
A
c
t
i
v
e
-Semi, Inc.
BOM List for 3.0A USB PD Car Charger
ITEM REFERENCE
DESCRIPTION
MANUFACTURER
QTY
1
U1
IC, ACT4527, SOP-8EP
Active-Semi
1
2
C1
Capacitor, Electrolytic, 47
µ
F
/
3
5
V
Murata, TDK
1
3
C2
Capacitor, Ceramic, 10
µ
F
/
25V, 1206, SMD
Murata, TDK
1
4
C3
Capacitor, Ceramic, 22nF/25V, 0603, SMD
Murata, TDK
1
5
C4
Capacitor, Ceramic, 22
µ
F/16V, 1206, SMD
Murata, TDK
1
6
C5
Capacitor, Electrolytic, 220
µ
F
/
1
6
V
Murata, TDK
1
7
C6
Capacitor, Ceramic, 2.2
µ
F/16V, 0805, SMD
Murata, TDK
1
8
L1
Inductor, 40
µ
H
,
4.0A, 20%
1
9
D1
Diode, Schottky, 40V/5A, SK54L
Panjit
1
10
Rcs
Chip Resistor, 20m
Ω
,
1
2
0
6
,
1
%
Murata, TDK
1
Typical Application Circuit
U1
ACT4527
H
S
B
I
N
S
W
4.5V to 40V
R
c
s
2
0
m
Ù
C
S
P
V
o
u
t
G
N
D
G
N
D
C
S
N
5V/9V/12V
C
2
1
0
ì
F
C
3
2
2
n
F
C
5
2
2
0
ì
F
C
1
4
7
ì
F
C
4
2
2
ì
F
C
6
2
.
2
ì
F
D
1
S
K
5
4
L
L
1
4
0
ì
H
P
D
C
USB-PD Controller
I
/
O
C
C
1
C
C
2
C
C
1
C
C
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com