Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4527 Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT4527
Description  40V/3.0A CV/CC Buck Converter Featuring USB-PD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4527 Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT4527 Datasheet HTML 5Page - Active-Semi, Inc ACT4527 Datasheet HTML 6Page - Active-Semi, Inc ACT4527 Datasheet HTML 7Page - Active-Semi, Inc ACT4527 Datasheet HTML 8Page - Active-Semi, Inc ACT4527 Datasheet HTML 9Page - Active-Semi, Inc ACT4527 Datasheet HTML 10Page - Active-Semi, Inc ACT4527 Datasheet HTML 11Page - Active-Semi, Inc ACT4527 Datasheet HTML 12Page - Active-Semi, Inc ACT4527 Datasheet HTML 13Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ACT4527
Rev 1, December 28
th, 2015
Innovative Power
TM
- 10 -
www.active-semi.com
Copyright
©
2
0
1
5
A
c
t
i
v
e
-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
(Schematic as show in typical application circuit, Ta = 25
°
C
,
u
n
l
e
s
s
o
t
h
e
r
w
i
s
e
s
p
e
c
i
f
i
e
d
)
100
85
80
75
70
65
60
95
90
Efficiency vs. Load current ( 5V Vout)
VIN =12V
VIN =24V
VIN =24V
VIN =12V
100
85
80
75
70
65
60
95
90
Efficiency vs. Load current ( 12V Vout)
VIN =24V
VIN =12V
Output CC/CV Curve (5V Vout)
6.0
5.0
4.0
3.0
2.0
1.0
0
VIN =24V
VIN =12V
Output CC/CV Curve (9V Vout)
10.0
8.0
6.0
4.0
2.0
0
Output CC/CV Curve (12V Vout)
12.0
10.0
8.0
6.0
4.0
2.0
0
14.0
VIN =24V
VIN =12V
VIN =24V
VIN =12V
0
500
1000
1500
2000
2500
3000
Load Current (mA)
100
85
80
75
70
65
60
95
90
Efficiency vs. Load current ( 9V Vout)
0
500
1000
1500
2000
2500
3000
Load Current (mA)
0
500
1000
1500
2000
2500
3000
Load Current (mA)
0
5000
1000
1500
2000
2500
3000
3500
Output Current (mA)
0
5000
1000
1500
2000
2500
3000
3500
Output Current (mA)
0
5000
1000
1500
2000
2500
3000
3500
Output Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com