Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP3NK50Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP3NK50Z
Description  Gate charge minimized
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3NK50Z Datasheet(HTML) 3 Page - STMicroelectronics

  STP3NK50Z Datasheet HTML 1Page - STMicroelectronics STP3NK50Z Datasheet HTML 2Page - STMicroelectronics STP3NK50Z Datasheet HTML 3Page - STMicroelectronics STP3NK50Z Datasheet HTML 4Page - STMicroelectronics STP3NK50Z Datasheet HTML 5Page - STMicroelectronics STP3NK50Z Datasheet HTML 6Page - STMicroelectronics STP3NK50Z Datasheet HTML 7Page - STMicroelectronics STP3NK50Z Datasheet HTML 8Page - STMicroelectronics STP3NK50Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID025103 Rev 1
3/14
STP3NK50Z
Electrical ratings
14
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
500
V
VDGR
Drain-gate voltage (RGS=20 kΩ)500
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
2.3
A
ID
Drain current (continuous) at TC = 100 °C
1.45
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
9.2
A
PTOT
Total dissipation at TC = 25 °C
45
W
Derating factor
0.36
W/°C
ESD
Gate-source human body model (C = 100 pF,
R = 1.5 k
Ω)
2kV
dv/dt (2)
2.
ID ≤ 2 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS
Peak diode recovery voltage slope
4.5
V/ns
Tstg
Storage temperature
-55 to 150
°C
Tj
Operating junction temperature
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
2.78
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W
Table 4. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Max current during repetitive or single pulse
avalanche (pulse width limited by Tjmax)
2.3
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID=IAS, VDD= 50 V)
120
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com