Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP3NK50Z Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP3NK50Z
Description  Gate charge minimized
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3NK50Z Datasheet(HTML) 4 Page - STMicroelectronics

  STP3NK50Z Datasheet HTML 1Page - STMicroelectronics STP3NK50Z Datasheet HTML 2Page - STMicroelectronics STP3NK50Z Datasheet HTML 3Page - STMicroelectronics STP3NK50Z Datasheet HTML 4Page - STMicroelectronics STP3NK50Z Datasheet HTML 5Page - STMicroelectronics STP3NK50Z Datasheet HTML 6Page - STMicroelectronics STP3NK50Z Datasheet HTML 7Page - STMicroelectronics STP3NK50Z Datasheet HTML 8Page - STMicroelectronics STP3NK50Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STP3NK50Z
4/14
DocID025103 Rev 1
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified).
Table 5. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage (VGS= 0)
ID = 1 mA
500
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 500 V
VDS = 500 V, Tc=125 °C
1
50
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 20 V
±10
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 50 µA
3
3.75
4.5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID= 1.15 A
2.8
3.3
Ω
Table 6. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
g(1)
1.
Pulsed: Pulse duration = 300 ìs, duty cycle 1.5 %.
Forward transconductance
VDS =15 V, ID=1.15 A
-
1.5
S
Ciss
Input capacitance
VDS =25 V, f=1 MHz, VGS=0
-
280
pF
Coss
Output capacitance
-
42
pF
Crss
Reverse transfer
capacitance
-8
pF
Coss eq.
(2)
2.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent capacitance time
related
VGS = 0, VDS = 0 to 400 V
-
27.5
pF
td(on)
Turn-on delay time
VDD = 250 V, ID = 1.15 A,
RG=4.7 Ω, VGS=10 V
(see Figure 19 and 15)
-8
ns
tr
Rise time
-
13
ns
td(off)
Turn-off delay time
-
24
ns
tf
Fall time
-
14
ns
Qg
Total gate charge
VDD = 400 V, ID = 2.3 A
VGS =10 V
(see Figure 16)
-11
15
nC
Qgs
Gate-source charge
-
2.5
nC
Qgd
Gate-drain charge
-
5.6
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com