Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0101 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0101
Description  Channel Bidirectional Multi-Voltage Level Translator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0101 Datasheet(HTML) 5 Page - Texas Instruments

  LSF0101 Datasheet HTML 1Page - Texas Instruments LSF0101 Datasheet HTML 2Page - Texas Instruments LSF0101 Datasheet HTML 3Page - Texas Instruments LSF0101 Datasheet HTML 4Page - Texas Instruments LSF0101 Datasheet HTML 5Page - Texas Instruments LSF0101 Datasheet HTML 6Page - Texas Instruments LSF0101 Datasheet HTML 7Page - Texas Instruments LSF0101 Datasheet HTML 8Page - Texas Instruments LSF0101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
LSF0101, LSF0102, LSF0108
www.ti.com
SDLS966G – DECEMBER 2013 – REVISED FEBRUAURY 2016
Product Folder Links: LSF0101 LSF0102 LSF0108
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and input/output negative-voltage ratings may be exceeded if the input and input/output clamp-current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature (unless otherwise noted)
MIN
MAX
UNIT
VI
Input voltage(2)
–0.5
7
V
VI/O
Input/output voltage(2)
–0.5
7
V
Continuous channel current
128
mA
IIK
Input clamp current
VI < 0
–50
mA
RθJA
Package thermal impedance(3)
DCT package
220
°C/W
DCU package
227
Tstg
Storage temperature range
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI/O
Input/output voltage
0
5
V
Vref_A/B/EN
Reference voltage
0
5
V
IPASS
Pass transistor current
64
mA
TA
Operating free-air temperature
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com