Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0101 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0101
Description  Channel Bidirectional Multi-Voltage Level Translator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0101 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LSF0101 Datasheet HTML 8Page - Texas Instruments LSF0101 Datasheet HTML 9Page - Texas Instruments LSF0101 Datasheet HTML 10Page - Texas Instruments LSF0101 Datasheet HTML 11Page - Texas Instruments LSF0101 Datasheet HTML 12Page - Texas Instruments LSF0101 Datasheet HTML 13Page - Texas Instruments LSF0101 Datasheet HTML 14Page - Texas Instruments LSF0101 Datasheet HTML 15Page - Texas Instruments LSF0101 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Vref_A
Vref_B
2
7
3
4
8 EN
6
5
1
GND
A1
A2
B1
B2
LSF0102
200KΩ
ON
Off
Rpu
Rpu Rpu
Vref(A) = 1.2V
Vpu1 = 3.3V
GND
3.3V enable signal
Vpu3 = 2.5V
Rpu
GND
Vcc
GPIO3
Vcc
GPIO1
GPIO2
SW
SW
Vcc
GPIO4
12
LSF0101, LSF0102, LSF0108
SDLS966G – DECEMBER 2013 – REVISED FEBRUAURY 2016
www.ti.com
Product Folder Links: LSF0101 LSF0102 LSF0108
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LSF devices are able to perform voltage translation for open-drain or push-pull interface. Table 2 provides
some consumer/telecom interfaces as reference in regards to the different channel numbers that are supported
by the LSF family.
Table 2. Voltage Translator for Consumer/Telecom Interface
Part Name
Channel Number
Interface
LSF0101
1
GPIO
LSF0102
2
GPIO, MDIO, SMBus, PMBus, I2C
LSF0108
8
GPIO, MDIO, SDIO, SVID, UART, SMBus, PMBus, I2C, SPI
9.2 Typical Application
9.2.1 I2C PMBus, SMBus, GPIO
Figure 6. Bidirectional Translation to Multiple Voltage Levels
9.2.1.1 Design Requirements
9.2.1.1.1
Enable, Disable, and Reference Voltage Guidelines
The LSF family has an EN input that is used to disable the device by setting EN LOW, which places all I/Os in
the high-impedance state. Since LSF family is switch-type voltage translator, the power consumption is very low.
It is recommended to always enable LSF family for bidirectional application (I2C, SMBus, PMBus, or MDIO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com