Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0204DPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204DPWR
Description  4-Bits Bidirectional Multi-Voltage Level Translator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204DPWR Datasheet(HTML) 2 Page - Texas Instruments

  LSF0204DPWR Datasheet HTML 1Page - Texas Instruments LSF0204DPWR Datasheet HTML 2Page - Texas Instruments LSF0204DPWR Datasheet HTML 3Page - Texas Instruments LSF0204DPWR Datasheet HTML 4Page - Texas Instruments LSF0204DPWR Datasheet HTML 5Page - Texas Instruments LSF0204DPWR Datasheet HTML 6Page - Texas Instruments LSF0204DPWR Datasheet HTML 7Page - Texas Instruments LSF0204DPWR Datasheet HTML 8Page - Texas Instruments LSF0204DPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LSF0204, LSF0204D
SLVSCP5D – JULY 2014 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Parameter Measurement Information .................. 8
9.1
Load Circuit AC Waveform for Outputs .................... 9
2
Applications ........................................................... 1
10
Detailed Description ........................................... 10
3
Description ............................................................. 1
10.1
Overview ............................................................... 10
4
Revision History..................................................... 2
10.2
Functional Block Diagram ..................................... 10
5
Description (continued)......................................... 3
10.3
Feature Description............................................... 11
6
Device Comparison Table..................................... 3
10.4
Device Functional Modes...................................... 11
7
Pin Configuration and Functions ......................... 3
11
Application and Implementation........................ 12
8
Specifications......................................................... 5
11.1
Application Information.......................................... 12
8.1
Absolute Maximum Ratings ...................................... 5
11.2
Typical Applications .............................................. 12
8.2
ESD Ratings.............................................................. 5
12
Power Supply Recommendations ..................... 18
8.3
Recommended Operating Conditions ....................... 5
13
Layout................................................................... 18
8.4
Thermal Information ................................................. 5
13.1
Layout Guidelines ................................................. 18
8.5
Electrical Characteristics........................................... 6
13.2
Layout Example .................................................... 18
8.6
Switching Characteristics: AC Performance
(Translating Down, 3.3 V to 1.8 V) ........................... 6
14
Device and Documentation Support ................. 20
8.7
Switching Characteristics: AC Performance
14.1
Related Links ........................................................ 20
(Translating Down, 3.3 V to 1.2 V) ........................... 7
14.2
Community Resources.......................................... 20
8.8
Switching Characteristics: AC Performance
14.3
Trademarks ........................................................... 20
(Translating Up, 1.8 V to 3.3 V) ................................ 7
14.4
Electrostatic Discharge Caution ............................ 20
8.9
Switching Characteristics: AC Performance
14.5
Glossary ................................................................ 20
(Translating Up, 1.2 V to 1.8 V) ................................ 7
15
Mechanical, Packaging, and Orderable
8.10
Typical Characteristics ............................................ 7
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (August 2015) to Revision D
Page
•
Added Type Column to Pin Functions table ........................................................................................................................... 4
•
Added Junction Temperatures to Thermal Information table ................................................................................................. 5
Changes from Revision B (April 2015) to Revision C
Page
•
Removed "Less than 1.5 ns max propagation delay" from Features. .................................................................................... 1
•
Updated "Supports High Speed Translation, Greater Than 100 MHz" bullet in Features. .................................................... 1
Changes from Revision A (December 2014) to Revision B
Page
•
Added YZP package to device. ............................................................................................................................................. 1
Changes from Original (November 2014) to Revision A
Page
•
Changed From a first page Product Preview To a full datasheet ......................................................................................... 1
•
Changed text in the Description From: "transmission speeds greater than 100 Mbps" To: "transmission speeds
greater than 100 MHz" .......................................................................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com