Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0204DPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204DPWR
Description  4-Bits Bidirectional Multi-Voltage Level Translator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204DPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button LSF0204DPWR Datasheet HTML 9Page - Texas Instruments LSF0204DPWR Datasheet HTML 10Page - Texas Instruments LSF0204DPWR Datasheet HTML 11Page - Texas Instruments LSF0204DPWR Datasheet HTML 12Page - Texas Instruments LSF0204DPWR Datasheet HTML 13Page - Texas Instruments LSF0204DPWR Datasheet HTML 14Page - Texas Instruments LSF0204DPWR Datasheet HTML 15Page - Texas Instruments LSF0204DPWR Datasheet HTML 16Page - Texas Instruments LSF0204DPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LSF0204, LSF0204D
www.ti.com
SLVSCP5D – JULY 2014 – REVISED DECEMBER 2015
Typical Applications (continued)
Table 3. Application Operating Condition
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
Vref_A
Reference voltage (A)
0.8
4.5
V
Vref_B
Reference voltage (B)
Vref_A + 0.8
5.5
V
VI(EN)
(1)
Input voltage on EN terminal
0
Vref_A
V
Vpu
Pull-up supply voltage
0
Vref_B
V
(1)
Refer VIH and VIL for VI(EN)
Also Vref_B is recommended to be at 1.0 V higher than Vref_A for best signal integrity.
The LSF Family is able to set different voltage translation level on each channel.
NOTE
Vref_A must be set as lowest voltage level.
11.2.1.2 Detailed Design Procedure
11.2.1.2.1
Bidirectional Translation
The master output driver may be push-pull or open-drain (pull-up resistors may be required) and the slave device
output can be push-pull or open-drain (pull-up resistors are required to pull the Bn outputs to Vpu).
NOTE
However, if either output is push-pull, data must be unidirectional or the outputs must be
3-state and be controlled by some direction-control mechanism to prevent HIGH-to-LOW
contentions in either direction. If both outputs are open-drain, no direction control is
needed.
In Figure 9, the reference supply voltage (Vref_A) is connected to the processor core power supply voltage.
When Vref_B is connected through to a 3.3 V Vpu power supply, and Vref_A is set 1.0V. The output of A3 and
B4 has a maximum output voltage equal to Vref_A, and the bidirectional interface (Ch1/2, MDIO) has a maximum
output voltage equal to Vpu.
11.2.1.2.1.1
Pull-up Resistor Sizing
The pull-up resistor value needs to limit the current through the pass transistor when it is in the ON state to about
15 mA. This ensures a pass voltage of 260 mV to 350 mV. If the current through the pass transistor is higher
than 15 mA, the pass voltage also is higher in the ON state. To set the current through each pass transistor at 15
mA, to calculate the pull-up resistor value use Equation 1.
Rpu = (Vpu – 0.35 V) / 0.015 A
(1)
Table 4 summarizes resistor values, reference voltages, and currents at 15 mA, 10 mA, and 3 mA. The resistor
value shown in the +10% column (or a larger value) should be used to ensure that the pass voltage of the
transistor is 350 mV or less. The external driver must be able to sink the total current from the resistors on both
sides of the LSF family device at 0.175 V, although the 15 mA applies only to current flowing through the LSF
family device.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com