Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD35 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TD35
Description  Advanced IGBT/MOSFET driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD35 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TD35 Datasheet HTML 3Page - STMicroelectronics TD35 Datasheet HTML 4Page - STMicroelectronics TD35 Datasheet HTML 5Page - STMicroelectronics TD35 Datasheet HTML 6Page - STMicroelectronics TD35 Datasheet HTML 7Page - STMicroelectronics TD35 Datasheet HTML 8Page - STMicroelectronics TD35 Datasheet HTML 9Page - STMicroelectronics TD35 Datasheet HTML 10Page - STMicroelectronics TD35 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TD351
Electrical characteristics
Doc ID 10977 Rev 2
7/19
∆tw
Input to output pulse distortion
10% OUT change,
∆tw=Twout-Twin
50
100
ns
Under voltage lockout (UVLO)
UVLOH
UVLO top threshold
10
11
12
V
UVLOL
UVLO bottom threshold
9
10
11
V
Vhyst
UVLO hysteresis
UVLOH-UVLOL
0.5
1
V
Supply current
Iin
Quiescent current
OUT = 0V; no load
2.5
mA
1.
Recommended capacitor range on VREF pin is 10 nF to 100 nF
2.
2 step turn-off disabled.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com