Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD35 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TD35
Description  Advanced IGBT/MOSFET driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD35 Datasheet(HTML) 1 Page - STMicroelectronics

  TD35 Datasheet HTML 1Page - STMicroelectronics TD35 Datasheet HTML 2Page - STMicroelectronics TD35 Datasheet HTML 3Page - STMicroelectronics TD35 Datasheet HTML 4Page - STMicroelectronics TD35 Datasheet HTML 5Page - STMicroelectronics TD35 Datasheet HTML 6Page - STMicroelectronics TD35 Datasheet HTML 7Page - STMicroelectronics TD35 Datasheet HTML 8Page - STMicroelectronics TD35 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
June 2011
Doc ID 10977 Rev 2
1/19
19
TD351
Advanced IGBT/MOSFET driver
Features
■ 1.7 A sink / 1.3 A source (typ) current capability
■ Active Miller clamp feature
■ Two-level turn-off with adjustable level and
delay
■ Input compatible with pulse transformer or
optocoupler
■ UVLO protection
■ 2 kV ESD protection
Applications
■ 1200 V 3-phase inverters
■ Motor control systems
■ UPS
Description
This device is an advanced gate driver for IGBT
and power MOSFETs. Control and protection
functions are included and allow the design of
high reliability systems.
The innovative active Miller clamp function
eliminates the need for negative gate drive in
most applications and allows the use of a simple
bootstrap supply for the high side driver.
The TD351 includes a two-level turn-off feature
with adjustable level and delay. This function
protects against excessive overvoltage at turn-off
in case of overcurrent or short-circuit conditions.
The same delay is applied at turn-on to prevent
pulse width distortion.
The TD351 is compatible with both pulse
transformer and optocoupler signals.
SO-8
Table 1.
Device summary
Order codes
Temperature range
Package
Packaging
TD351ID
-40°C, +125°C
SO-8
Tube
TD351IDT
Tape and reel
www.st.com


Similar Part No. - TD35

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
Advanced IGBT/MOSFET Driver
Aug-2004
TD350 STMICROELECTRONICS-TD350 Datasheet
234Kb / 17P
Advanced IGBT/MOSFET driver
28-Apr-2010
logo
Topstek Inc.
TD350A TOPSTEK-TD350A Datasheet
98Kb / 2P
Topstek Current Transducers
logo
STMicroelectronics
TD350E STMICROELECTRONICS-TD350E Datasheet
258Kb / 17P
Advanced IGBT/MOSFET driver
23-Sep-2011
TD350ID STMICROELECTRONICS-TD350ID Datasheet
161Kb / 11P
Advanced IGBT/MOSFET Driver
Aug-2004
More results

Similar Description - TD35

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD351 STMICROELECTRONICS-TD351 Datasheet
157Kb / 12P
Advanced IGBT/MOSFET Driver
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
Advanced IGBT/MOSFET Driver
Aug-2004
TD352 STMICROELECTRONICS-TD352 Datasheet
179Kb / 13P
Advanced IGBT/MOSFET Driver
Dec-2004
logo
Mitsubishi Electric Sem...
M63975FP MITSUBISHI-M63975FP Datasheet
47Kb / 5P
IGBT MOSFET DRIVER
logo
STMicroelectronics
TD350 STMICROELECTRONICS-TD350_10 Datasheet
234Kb / 17P
Advanced IGBT/MOSFET driver
28-Apr-2010
TD350E STMICROELECTRONICS-TD350E Datasheet
258Kb / 17P
Advanced IGBT/MOSFET driver
23-Sep-2011
TD351 STMICROELECTRONICS-TD351_11 Datasheet
249Kb / 19P
Advanced IGBT/MOSFET driver
16-Jun-2011
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
Advanced IGBT/MOSFET driver
13-Jun-2011
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com