Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7851F Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7851F
Description  4 48 W MOSFET quad bridge power amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7851F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7851F Datasheet HTML 9Page - STMicroelectronics TDA7851F Datasheet HTML 10Page - STMicroelectronics TDA7851F Datasheet HTML 11Page - STMicroelectronics TDA7851F Datasheet HTML 12Page - STMicroelectronics TDA7851F Datasheet HTML 13Page - STMicroelectronics TDA7851F Datasheet HTML 14Page - STMicroelectronics TDA7851F Datasheet HTML 15Page - STMicroelectronics TDA7851F Datasheet HTML 16Page - STMicroelectronics TDA7851F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DocID17714 Rev 4
13/18
TDA7851F
Package information
17
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
5.1
Flexiwatt 25 (vertical) package information
Figure 19. Flexiwatt 25 (vertical) package outline
Table 5. Flexiwatt 25 (vertical) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.45
4.50
4.65
0.1752
0.1772
0.1831
B
1.80
1.90
2.00
0.0709
0.0748
0.0787
C
-
1.40
-
-
0.0551
-
D
0.75
0.90
1.05
0.0295
0.0354
0.0413
E
0.37
0.39
0.42
0.0146
0.0154
0.0165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com