Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7851F Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7851F
Description  4 48 W MOSFET quad bridge power amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7851F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7851F Datasheet HTML 10Page - STMicroelectronics TDA7851F Datasheet HTML 11Page - STMicroelectronics TDA7851F Datasheet HTML 12Page - STMicroelectronics TDA7851F Datasheet HTML 13Page - STMicroelectronics TDA7851F Datasheet HTML 14Page - STMicroelectronics TDA7851F Datasheet HTML 15Page - STMicroelectronics TDA7851F Datasheet HTML 16Page - STMicroelectronics TDA7851F Datasheet HTML 17Page - STMicroelectronics TDA7851F Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
DocID17714 Rev 4
15/18
TDA7851F
Package information
17
5.2
Flexiwatt 25 (horizontal) package information
Figure 20. Flexiwatt 25 (horizontal) package outline
Table 6. Flexiwatt 25 (horizontal) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.45
4.50
4.65
0.1752
0.1772
0.1831
B
1.80
1.90
2.00
0.0709
0.0748
0.0787
C
-
1.40
-
-
0.0551
-
D
-
2.00
-
-
0.0787
-
E
0.37
0.39
0.42
0.0146
0.0154
0.0165
F(2)
-
-
0.57
-
-
0.0224
G
0.75
1.00
1.25
0.0295
0.0394
0.0492
G1
23.70
24.00
24.30
0.9331
0.9449
0.9567
H(3)
28.90
29.23
29.30
1.1378
1.1508
1.1535
H1
-
17.00
-
-
0.6693
-
H2
-
12.80
-
-
0.5039
-
H3
-
0.80
-
-
0.0315
-
L
21.64
22.04
22.44
0.8520
0.8677
0.8835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com