Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVH431 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TLVH431
Description  Programmable shunt voltage reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLVH431 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TLVH431 Datasheet HTML 3Page - STMicroelectronics TLVH431 Datasheet HTML 4Page - STMicroelectronics TLVH431 Datasheet HTML 5Page - STMicroelectronics TLVH431 Datasheet HTML 6Page - STMicroelectronics TLVH431 Datasheet HTML 7Page - STMicroelectronics TLVH431 Datasheet HTML 8Page - STMicroelectronics TLVH431 Datasheet HTML 9Page - STMicroelectronics TLVH431 Datasheet HTML 10Page - STMicroelectronics TLVH431 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID023303 Rev 5
7/15
TLVH431
Typical performance characteristics
15
Figure 8. Cathode current vs. cathode voltage
Figure 9.
ΔVref vs. ΔVKA
AM11719v1
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
Reference voltage [mV]
VKA = Vref
AM11720v1
ΔVREF vs. ΔVKA,IK =10 mA
-16
-14
-12
-10
-8
-6
-4
-2
0
0
5
10
15
20
25
Cathode Voltage V
KA [V]
Figure 10. Wideband noise
Figure 11. Gain and phase vs. frequency
AM11721v1
0
50
100
150
200
250
300
350
400
450
500
0.1
1
10
100
1000
10000
Frequency
(kHz)
IK = 10 mA, No COUT
AM11722v1
-20
-10
0
10
20
30
40
50
0.1
1
10
100
1000
Frequency (kHz)
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
IK =10 mA, VKA =Vref,No COUT
Gain
Phase
Figure 12. Turn-on (no CLOAD)
VIN from 0 to 4 V, IK = 1 mA, no CLOAD
Figure 13. Turn-on (CLOAD = 10 nF)
VIN from 0 to 4 V, IK = 1 mA, CLOAD = 10 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com