Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVH431 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TLVH431
Description  Programmable shunt voltage reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLVH431 Datasheet(HTML) 1 Page - STMicroelectronics

  TLVH431 Datasheet HTML 1Page - STMicroelectronics TLVH431 Datasheet HTML 2Page - STMicroelectronics TLVH431 Datasheet HTML 3Page - STMicroelectronics TLVH431 Datasheet HTML 4Page - STMicroelectronics TLVH431 Datasheet HTML 5Page - STMicroelectronics TLVH431 Datasheet HTML 6Page - STMicroelectronics TLVH431 Datasheet HTML 7Page - STMicroelectronics TLVH431 Datasheet HTML 8Page - STMicroelectronics TLVH431 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
November 2015
DocID023303 Rev 5
1/15
TLVH431
Programmable shunt voltage reference
Datasheet
- production data
Features
• Adjustable output voltage: 1.24 V to 18 V
• Low operating current: 100 µA at 25 °C
• 0.25%, 0.5%, 1% and 1.5% voltage precision
• Sink current capability up to 60 mA
• -40 to +125 °C temperature range
• 100 ppm/°C maximum temperature coefficient
• Available in SOT23-3L, SOT23-5L and
SOT323-6L packages
Applications
• Computers
• Battery chargers
• Switch mode power supplies
• Battery operated equipment
• Data acquisition systems
• Energy management
Description
The TLVH431 is a low power programmable
shunt voltage reference, with guaranteed
temperature stability over the entire operating
temperature range.
The output voltage may be set to any value
between 1.24 V and 18 V by means of an external
resistor divider.
The TLVH431 operates with a wide current range
from 100 µA to 60 mA with a typical dynamic
impedance of 0.22
Ω.
Available in SOT23-3L, SOT23-5L and SOT323-
6L surface mounted packages, it can be designed
in applications where space saving is a critical
issue.
The low operating current is a key advantage for
power restricted designs.
SOT323-6L
SOT23-3L
SOT23-5L
Table 1. Device summary
Part number
Precision
Package
Temperature range
TLVH431AIL3T
0.5%
SOT23-3L
-40 to +125°C
TLVH431BIL3T
0.25%
TLVH431MIL3T
1%
TLVH431LIL3T
1.5%
TLVH431AIL5T
0.5%
SOT23-5L
TLVH431BIL5T
0.25%
TLVH431LIL5T
1.5%
TLVH431AICT
0.5%
SOT323-6L
TLVH431BICT
0.25%
TLVH431LICT
1.5%
www.st.com


Similar Part No. - TLVH431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431 TI-TLVH431 Datasheet
500Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLVH431 TI-TLVH431 Datasheet
570Kb / 37P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431 TI-TLVH431 Datasheet
673Kb / 38P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431 TI-TLVH431 Datasheet
2Mb / 54P
TLVH431, TLVH432 Low-Voltage Adjustable Precision Shunt Regulators
JUNE 2024
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - TLVH431

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS2431 STMICROELECTRONICS-TS2431 Datasheet
278Kb / 6P
PROGRAMMABLE SHUNT VOLTAGE REFERENCE
Feb-2002
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
STMicroelectronics
TS3431 STMICROELECTRONICS-TS3431 Datasheet
333Kb / 11P
1.24V Programmable Shunt Voltage Reference
Dec-2004
TS3431 STMICROELECTRONICS-TS3431_07 Datasheet
145Kb / 10P
1.24V programmable shunt voltage reference
26-Jun-2007
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
Shunt Bandgap Voltage Reference
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Taiwan Semiconductor Co...
TS431 TSC-TS431_15 Datasheet
4Mb / 13P
2.495V Programmable Shunt Voltage Reference
TS431XRIX-Z TSC-TS431XRIX-Z Datasheet
449Kb / 7P
2.495V Programmable Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com