Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX3702IPT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSX3702IPT
Description  Micropower dual CMOS voltage comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX3702IPT Datasheet(HTML) 4 Page - STMicroelectronics

  TSX3702IPT Datasheet HTML 1Page - STMicroelectronics TSX3702IPT Datasheet HTML 2Page - STMicroelectronics TSX3702IPT Datasheet HTML 3Page - STMicroelectronics TSX3702IPT Datasheet HTML 4Page - STMicroelectronics TSX3702IPT Datasheet HTML 5Page - STMicroelectronics TSX3702IPT Datasheet HTML 6Page - STMicroelectronics TSX3702IPT Datasheet HTML 7Page - STMicroelectronics TSX3702IPT Datasheet HTML 8Page - STMicroelectronics TSX3702IPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Absolute maximum ratings
TSX3702
4/24
DocID026056 Rev 2
2
Absolute maximum ratings
Table 1: Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
+
Supply voltage
(1)
18
V
Vid
Differential input voltage
(2)
±18
Vin
Input voltage
-0.3 to 18
Vo
Output voltage
18
Io
Output current
20
mA
IF
Forward current in ESD protection diodes on inputs
(3)
50
Tj
Maximum junction temperature
150
ºC
Rthja
Thermal resistance junction to ambient
(4)
SO8
125
ºC/W
TSSOP8
120
MiniSO8
190
DFN8 2x2
57
Tstg
Storage temperature range
-65 to 150
ºC
ESD
HBM: human body model
(5)
4000
V
MM: machine model
(6)
200
CDM: charged device model
(7)
1500
Latch-up immunity
200
mA
Notes:
(1)
All voltage values, except differential voltage, are with respect to network ground terminal.
(2)
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
(3)
Guaranteed by design
(4)
Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
(5)
According to JEDEC standard JESD22-A114F
(6)
According to JEDEC standard JESD22-A115A
(7)
According to ANSI/ESD STM5.3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com