Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX3702IPT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSX3702IPT
Description  Micropower dual CMOS voltage comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX3702IPT Datasheet(HTML) 5 Page - STMicroelectronics

  TSX3702IPT Datasheet HTML 1Page - STMicroelectronics TSX3702IPT Datasheet HTML 2Page - STMicroelectronics TSX3702IPT Datasheet HTML 3Page - STMicroelectronics TSX3702IPT Datasheet HTML 4Page - STMicroelectronics TSX3702IPT Datasheet HTML 5Page - STMicroelectronics TSX3702IPT Datasheet HTML 6Page - STMicroelectronics TSX3702IPT Datasheet HTML 7Page - STMicroelectronics TSX3702IPT Datasheet HTML 8Page - STMicroelectronics TSX3702IPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TSX3702
Operating conditions
DocID026056 Rev 2
5/24
3
Operating conditions
Table 2: Operating conditions
Symbol
Parameter
Value
Unit
VCC
+
Supply voltage
2.7 to 16
V
Vicm
(1)
Common mode input voltage range
0 to VCC
+ - 1.5
Tmin
≤ Tamb ≤ Tmax
0 to VCC
+ - 2
Toper
Operating free-air temperature range
-40 to 125
ºC
Notes:
(1)
The output state is guaranteed as long as one input remains with this common mode input voltage range, and
the other input remains between -0.3 V and 16 V (meaning that one input can be driven above VCC+).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com