Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER06XS Datasheet(PDF) 15 Page - STMicroelectronics

Part # VIPER06XS
Description  Fixed-frequency VIPer plus family
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER06XS Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VIPER06XS Datasheet HTML 11Page - STMicroelectronics VIPER06XS Datasheet HTML 12Page - STMicroelectronics VIPER06XS Datasheet HTML 13Page - STMicroelectronics VIPER06XS Datasheet HTML 14Page - STMicroelectronics VIPER06XS Datasheet HTML 15Page - STMicroelectronics VIPER06XS Datasheet HTML 16Page - STMicroelectronics VIPER06XS Datasheet HTML 17Page - STMicroelectronics VIPER06XS Datasheet HTML 18Page - STMicroelectronics VIPER06XS Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
VIPER06
Power section
Doc ID 022794 Rev 1
15/28
7
Power section
The power section is implemented with an N-channel power MOSFET with a breakdown
voltage of 800 V min. and a typical RDS(on) of 32 Ω. It includes a SenseFET structure to allow
virtually lossless current sensing and the thermal sensor.
The gate driver of the power MOSFET is designed to supply a controlled gate current during
both turn-ON and turn-OFF in order to minimize common-mode EMI. During UVLO
conditions, an internal pull-down circuit holds the gate low in order to ensure that the power
MOSFET cannot be turned ON accidentally.
8
High voltage current generator
The high-voltage current generator is supplied by the DRAIN pin. At the first startup of the
converter it is enabled when the voltage across the input bulk capacitor reaches the
VDRAIN_START threshold, sourcing a IDDch1 current (see Table 6 on page 7). As the VDD
voltage reaches the VDDon threshold, the power section starts switching and the high-
voltage current generator is turned OFF. The VIPER06 is powered by the energy stored in
the VDD capacitor.
In a steady-state condition, if the self-biasing function is used, the high-voltage current
generator is activated between VDDCSon and VDDon (see Table 6 on page 7), delivering
IDDch2, see Table 6 on page 7 to the VDD capacitor during the MOSFET off-time (see
Figure 21).
The device can also be supplied through the auxiliary winding in which case the high-
voltage current source is disabled during steady-state operation, provided that VDD is
above VDDCSon.
At converter power-down, the VDD voltage drops and the converter activity stops as it falls
below the VDDoff threshold (see Table 6 on page 7).
Figure 21.
Power-on and power-off
I
DD
V
DD
V
DRAIN
V
DDon
t
tt
t
V
IN
V
DRAIN_START
t
t
Power-on
Power-off
Normal operation
regulation is lost here
V
IN < VDRAIN_START
HV startup is no more activated
With internal self-supply
Without internal self-supply
V
DDCSon
V
DDoff
I
DDch1
I
DDch2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com