Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER06XS Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER06XS
Description  Fixed-frequency VIPer plus family
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER06XS Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER06XS Datasheet HTML 1Page - STMicroelectronics VIPER06XS Datasheet HTML 2Page - STMicroelectronics VIPER06XS Datasheet HTML 3Page - STMicroelectronics VIPER06XS Datasheet HTML 4Page - STMicroelectronics VIPER06XS Datasheet HTML 5Page - STMicroelectronics VIPER06XS Datasheet HTML 6Page - STMicroelectronics VIPER06XS Datasheet HTML 7Page - STMicroelectronics VIPER06XS Datasheet HTML 8Page - STMicroelectronics VIPER06XS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
This is information on a product in full production.
March 2012
Doc ID 022794 Rev 1
1/28
28
VIPER06
Fixed-frequency VIPer™ plus family
Datasheet — production data
Features
■ 800 V avalanche rugged power section
■ PWM operation with frequency jittering for low
EMI
■ Operating frequency:
– 30 kHz for VIPER06Xx
– 60 kHz for VIPER06Lx
– 115 kHz for VIPER06Hx
■ No need for an auxiliary winding in low-power
applications
■ Standby power < 30 mW at 265 VAC
■ Limiting current with adjustable set point
■ On-board soft-start
■ Safe auto-restart after a fault condition
■ Hysteretic thermal shutdown
Applications
■ Replacement of capacitive power supplies
■ Home appliances
■ Power metering
■ LED drivers
Description
The VIPER06 is an offline converter with an 800 V
avalanche rugged power section, a PWM
controller, a user-defined overcurrent limit, open-
loop failure protection, hysteretic thermal
protection, soft startup and safe auto-restart after
any fault condition. The device is able to power
itself directly from the rectified mains, eliminating
the need for an auxiliary bias winding. Advanced
frequency jittering reduces EMI filter cost. Burst
mode operation and the device’s very low power
consumption both help to meet the standards set
by energy-saving regulations.
Figure 1.
Typical application
DIP-7
SSO10
www.st.com


Similar Part No. - VIPER06XS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER06XS STMICROELECTRONICS-VIPER06XS Datasheet
999Kb / 28P
Fixed-frequency VIPer plus family
08-Mar-2012
VIPER06XSTR STMICROELECTRONICS-VIPER06XSTR Datasheet
999Kb / 28P
Fixed-frequency VIPer plus family
08-Mar-2012
More results

Similar Description - VIPER06XS

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159-05 ICST-ICS9159-05 Datasheet
228Kb / 7P
Frequency Generator for Pentium??OPTi VIPER Systems
Rev F 9/29/98
logo
STMicroelectronics
VIPER26 STMICROELECTRONICS-VIPER26 Datasheet
815Kb / 25P
Fixed frequency VIPerTM plus family
01-Sep-2010
VIPER16LN STMICROELECTRONICS-VIPER16LN Datasheet
752Kb / 25P
Fixed frequency VIPerTM plus family
10-Oct-2011
VIPER16LDTR STMICROELECTRONICS-VIPER16LDTR Datasheet
752Kb / 25P
Fixed frequency VIPerTM plus family
10-Oct-2011
VIPER06LSTR STMICROELECTRONICS-VIPER06LSTR Datasheet
999Kb / 28P
Fixed-frequency VIPer plus family
08-Mar-2012
VIPER37HE STMICROELECTRONICS-VIPER37HE Datasheet
2Mb / 35P
VIPerPlus family: fixed frequency offline converter
17-Feb-2012
STEVAL-ISA136V1 STMICROELECTRONICS-STEVAL-ISA136V1 Datasheet
253Kb / 4P
3W, 5V output, isolated flyback converter using VIPer™ Plus - VIPER06HN
May 2014 Rev 2
STEVAL-ISA137V1 STMICROELECTRONICS-STEVAL-ISA137V1 Datasheet
152Kb / 4P
Demonstration board based on VIPer06 from the fixed-frequency VIPer™ plus family
June 2013 Rev 1
STEVAL-ISA177V1 STMICROELECTRONICS-STEVAL-ISA177V1 Datasheet
273Kb / 4P
5 V, 0.85 A flyback converter using VIPer™ Plus – VIPer01
02-Sep-2016
VIPER16 STMICROELECTRONICS-VIPER16 Datasheet
1Mb / 30P
Fixed frequency VIPer™ plus family
13-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com