Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G19DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G19DBVT
Description  1-of-2 Decoder and Demultiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G19DBVT Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC1G19DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G19DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G19DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G19DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G19DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G19DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G19DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G19DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G19DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
2
GND
1
A
E
4
3
Y
1
6
5
Y
0
V
CC
2
GND
1
A
3
4
E
Y
1
6
5
Y
0
V
CC
GND
V
CC
A
6
5
4
2
3
E
Y
1
Y
0
1
2
6
5
3
4
Y
1
1
GND
E
A
Y
0
V
CC
3
4
E
2
GND
Y
1
1
A
6
5
Y
0
V
CC
SN74LVC1G19
www.ti.com
SCES464G – JUNE 2003 – REVISED AUGUST 2015
5 Pin Configuration and Functions
DBV Package
DCK Package
6-Pin SOT-23
6-Pin SC70
Top View
Top View
DRY Package
6-Pin SON
Top View
DRL Package
6-Pin SOT
Top View
YZP Package
6-Pin DSBGA
Bottom View
Pin Functions(1)
PIN
I/O
DESCRIPTION
NAME
NO.
A
1
I
Adress input, selects which output goes low.
GND
2
—
Ground
E
3
I
Enable input, active low
Y1
4
O
Output 1, low when selected by A high and E low
VCC
5
—
Power pin
Y0
6
O
Output 0, low when selected by A low and E low
(1)
See mechanical drawings for dimensions
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVC1G19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com