Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G19DBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G19DBVT
Description  1-of-2 Decoder and Demultiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G19DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC1G19DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G19DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G19DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G19DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1G19DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1G19DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1G19DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1G19DBVT Datasheet HTML 14Page - Texas Instruments SN74LVC1G19DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
1
9
3
2
6
0
Device
5
4
0.1 2F
VCC
VCC
Device
E
2CU
SN74LVC1G19
www.ti.com
SCES464G – JUNE 2003 – REVISED AUGUST 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SN74LVC1G19 device is a 1-of-2 decoder/demultiplexer. This device decodes the 1 bit address on input A
and places a logic low on the matching address output, Y0 or Y1 , when the enable (E) input signal is low. It can
produce 24 mA of drive current at 3.3 V making it ideal for driving multiple outputs.
9.2 Typical Application
Figure 5. Typical Application Diagram
9.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention because it
can drive currents that would exceed maximum limits. Outputs can be combined to produce higher drive but the
high drive will also create faster edges into light loads so routing and load conditions should be considered to
prevent ringing.
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions:
–
For rise time and fall time specifications, see (
Δt/ΔV) in Recommended Operating Conditions table.
–
For specified high and low levels, see (VIH and VIL) in Recommended Operating Conditions table.
–
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC.
2. Recommend Output Conditions:
–
Load currents must not exceed 50 mA per output and 100 mA total for the part.
–
Series resistors on the output may be used if the user desires to slow the output edge signal or limit the
output current.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74LVC1G19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com