Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THM30 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # THM30
Description  Medical Grade 30W Open Frame Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

THM30 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  THM30 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower THM30 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
THM30 Series
Medical Grade 30W Open Frame Power Supplies
INPUT SPECIFICATIONS
Input Voltage Range ................. 80-275 VAC
Input Frequency ........................ 47-63 Hz
Input Current ............................. 0.8A rms max. @ 100 VAC,
0.4A rms max. @ 240 VAC
Inrush Current .......................... 25A @ 100 VAC or 50A
@ 240 VAC, at 25°C cold start
No Load Power Consumption... 0.5W max.
OUTPUT SPECIFICATIONS
Output Power Ratings .............. See models list
Minimum Load ......................... Not required
Line Regulation ........................ ±1% max. @ full load
Total Regulation ....................... See models list
Ripple & Noise ......................... See models list
Overload Protection ................. Set at 110-150% of its nominal
output voltage; Auto recovery
Short Circuit Protection ............ Auto recovery
Temperature Coefficient .......... ±0.04%/°C max.
Transient Response ................ 4ms @ 110 VAC, full load
GENERAL SPECIFICATIONS
Efficiency .................................. See models list
Switching Frequency ................ 65 kHz typ.
Power Factor ............................ 0.65 typ.
Hold-up Time ............................ 12ms max. @ 100 VAC, full load
Start-up Time ............................ 0.5 secs. max. @ full load
Operating Temperature ........... -10°C to +70°C
Storage Temperature ............... -40°C to +85°C
Operating Humidity .................. 0% to 95% non-condensing
Storage Humidity ...................... 0% to 95% non-condensing
Derating .................................... Derate from 100% at +40ºC
linearly to 50% at +70°C
Withstand Voltage .................... 4,000 VAC input-output
Operating Altitude ..................... 3,000 meters max.
MTBF ......................................... 100 kHrs minimum at full load,
25°C ambient, calculated per
MIL-HDBK-217F
FEATURES
• 1.5" x 4" Footprint
• Class II with 2 MOPP
• 5V to 40V Output Voltages
• 3,000 Meters Operating Altitude
• 0.5W No Load Power Consumption
• UL, cUL, TUV, FCC, CB & CE Approvals
STANDARDS & COMPLIANCES
IEC/EN 60601-1-2 ............... EMC & Immunity Performance
EN 55011, CISPR11, FCC .. Class B, conducted & radiated
EN 61000-3-2 ...................... Harmonic distortion, Class B & D
EN 61000-3-3 ...................... Line flicker
EN 61000-4-2 ...................... ESD, ±15 KV air and ±8 KV contact
EN 61000-4-3 ...................... Radiated immunity, 3V/m
EN 61000-4-4 ...................... Fast transient/burst, ±2 KV
EN 61000-4-5 ...................... Surge, ±1 KV diff., ±2 KV com.
EN 61000-4-6 ...................... Conducted immunity, 3 Vrms
EN 61000-4-8 ...................... Magnetic field immunity, 3A/m
EN 61000-4-11 .................... Voltage dips,
30% reduction for 500ms,
60% reduction for 100ms,
>95% reduction for 10ms
Safety Standards ................. IEC/EN 60601-1 3rd Edition,
............................................. ANSI/AAMI ES 60601-1:2005,
............................................. CSA C22.2 No. 60601-1:14
Agency Approvals ................ UL, cUL, TUV, FCC, CE, CB
Other Compliances ............ RoHS2
MECHANICAL SPECIFICATIONS
Notes:
1. Unit: inch [mm]
2. Tolerance: 0.02 [0.5] max.
3. Weight: 85g (0.19 lbs) approx.
4. Input Connector: Mates with Molex housing
09-50-3031 and Molex 2478 series crimp
terminal.
5. Output Connector: Mates with Molex
housing 09-50-3041 and Molex 2478 series
crimp terminal.
)
2
P
(
R
O
T
C
E
N
N
O
C
T
U
P
T
U
O
N
I
P
N
O
I
T
C
N
U
F
1V
+
2V
+
3N
R
U
T
E
R
4N
R
U
T
E
R


Similar Part No. - THM30

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THM30 TRACOPOWER-THM30 Datasheet
978Kb / 5P
DC/DC Medical Converter THM 30 Series, 30 Watt
Rev. November 30, 2022
THM30-1211 TRACOPOWER-THM30-1211 Datasheet
978Kb / 5P
DC/DC Medical Converter THM 30 Series, 30 Watt
Rev. November 30, 2022
THM30-1212 TRACOPOWER-THM30-1212 Datasheet
978Kb / 5P
DC/DC Medical Converter THM 30 Series, 30 Watt
Rev. November 30, 2022
THM30-1213 TRACOPOWER-THM30-1213 Datasheet
978Kb / 5P
DC/DC Medical Converter THM 30 Series, 30 Watt
Rev. November 30, 2022
THM30-1215 TRACOPOWER-THM30-1215 Datasheet
978Kb / 5P
DC/DC Medical Converter THM 30 Series, 30 Watt
Rev. November 30, 2022
More results

Similar Description - THM30

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
30W Medical Grade Ultraminiature Switching Power Supplies
logo
MPS Industries, Inc.
HBU31 MPSIND-HBU31 Datasheet
235Kb / 2P
30W Open Frame Type Medical Power Supplies For Health Care Applications
MBU30 MPSIND-MBU30 Datasheet
252Kb / 2P
30W Open Frame Switching Power Supplies For Medical Equipment
logo
Total Power Internation...
TPMBU30 TOTAL-POWER-TPMBU30 Datasheet
259Kb / 2P
30W Open Frame Type Medical Power Supplies
logo
Astrodyne Corporation
ASM200 ASTRODYNE-ASM200 Datasheet
792Kb / 5P
200W High Power Density Medical Grade Open Frame Power Supplies
EFM30 ASTRODYNE-EFM30 Datasheet
563Kb / 5P
30W Ultraminiature Open Frame Switching Power Supplies
AHP3201 ASTRODYNE-AHP3201 Datasheet
652Kb / 5P
30W Medical Grade Switching Power Supplies
logo
Vitec Power
SHFA31-SERIES Vitec-SHFA31-SERIES Datasheet
377Kb / 2P
30W Open-Frame Power Supply for Medical Equipment
logo
Total Power Internation...
TPSBU-20 TOTAL-POWER-TPSBU-20 Datasheet
236Kb / 2P
30W Open Frame Type I.T.E. Power Supplies
logo
Vitec Power
SHFA31 Vitec-SHFA31 Datasheet
377Kb / 2P
30W Open-Frame Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com