Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THM30 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # THM30
Description  Medical Grade 30W Open Frame Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

THM30 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  THM30 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower THM30 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
THM30 Series
Medical Grade 30W Open Frame Power Supplies
THM30_2015-01-15
.
o
N
t
c
u
d
o
r
P
)
1
(
t
u
O
t
u
p
t
l
o
V
e
g
a
)
1
(
.
x
a
M
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
t
u
p
t
u
O
e
s
i
o
N
&
e
l
p
p
i
R
)
2
(
)
.
x
a
M
p
-
p
V
(
l
a
t
o
T
n
o
i
t
a
l
u
g
e
R
y
c
n
e
i
c
i
f
f
E
)
.
p
y
T
(
5
-
0
3
M
H
T
V
5A
4W
0
2V
m
0
5%
5
±%
4
7
7
-
0
3
M
H
T
V
7A
9
2
.
3W
3
2V
m
0
7%
5
±%
5
7
9
-
0
3
M
H
T
V
9A
3W
7
2V
m
0
9%
5
±%
9
7
2
1
-
0
3
M
H
T
V
2
1A
5
.
2W
0
3V
m
0
0
1%
5
±%
3
8
5
1
-
0
3
M
H
T
V
5
1A
2W
0
3V
m
0
0
1%
5
±%
4
8
8
1
-
0
3
M
H
T
V
8
1A
7
6
.
1W
0
3V
m
0
0
1%
5
±%
5
8
4
2
-
0
3
M
H
T
V
4
2A
5
2
.
1W
0
3V
m
0
0
1%
3
±%
6
8
0
3
-
0
3
M
H
T
V
0
3A
1W
0
3V
m
0
0
1%
3
±%
6
8
6
3
-
0
3
M
H
T
V
6
3A
3
8
.
0W
0
3V
m
0
0
1%
3
±%
6
8
MODELS LIST
Notes:
1. Specify the output voltage, within 5V to 40V, when ordering non-standard output models, e.g. THM30-16 for 16V output.
2. Ripple & Noise are measured with 20MHz bandwidth at nominal line and rated output load ranges, with a 0.47µF capacitor
connected across the output.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com