Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F193 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F193
Description  Up/Down Binary Counter with Separate Up/Down Clocks
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F193 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  74F193 Datasheet HTML 1Page - National Semiconductor (TI) 74F193 Datasheet HTML 2Page - National Semiconductor (TI) 74F193 Datasheet HTML 3Page - National Semiconductor (TI) 74F193 Datasheet HTML 4Page - National Semiconductor (TI) 74F193 Datasheet HTML 5Page - National Semiconductor (TI) 74F193 Datasheet HTML 6Page - National Semiconductor (TI) 74F193 Datasheet HTML 7Page - National Semiconductor (TI) 74F193 Datasheet HTML 8Page - National Semiconductor (TI) 74F193 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
fmax
Maximum Count Frequency
100
125
75
90
MHz
tPLH
Propagation Delay
40
70
90
40
105
40
100
tPHL
CPU or CPD to
35
60
80
35
95
35
90
ns
TCU or TCD
tPLH
Propagation Delay
40
65
85
35
100
40
95
ns
tPHL
CPU or CPD to Qn
55
95
125
55
140
55
135
tPLH
Propagation Delay
30
45
70
30
85
30
80
ns
tPHL
Pn to Qn
60
110
145
60
165
60
155
tPLH
Propagation Delay
50
85
110
50
135
50
120
ns
tPHL
PL to Qn
55
100
130
55
150
55
140
tPHL
Propagation Delay
55
110
145
50
160
55
155
MR to Qn
tPLH
Propagation Delay
60
105
135
50
150
60
145
ns
MR to TCU
tPHL
Propagation Delay
60
115
145
60
160
60
155
MR to TCD
tPLH
Propagation Delay
70
120
155
70
185
70
165
ns
tPHL
PL to TCU or TCD
70
115
145
60
175
70
155
tPLH
Propagation Delay
70
115
145
60
165
70
155
ns
tPHL
Pn to TCU or TCD
65
110
140
50
165
65
150
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
45
60
50
ts(L)
Pn to PL
45
60
50
th(H)
Hold Time HIGH or LOW
20
20
20
ns
th(L)
Pn to PL
20
20
20
tw(L)
PL Pulse Width LOW
60
75
60
ns
tw(L)
CPU or CPD
50
70
50
ns
Pulse Width LOW
tw(L)
CPU or CPD
Pulse Width LOW
100
120
100
ns
(Change of Direction)
tw(H)
MR Pulse Width HIGH
60
60
60
ns
trec
Recovery Time
60
80
60
ns
PL to CPU or CPD
trec
Recovery Time
40
45
40
ns
MR to CPU or CPD
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com