Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F193 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F193
Description  Up/Down Binary Counter with Separate Up/Down Clocks
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F193 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F193 Datasheet HTML 1Page - National Semiconductor (TI) 74F193 Datasheet HTML 2Page - National Semiconductor (TI) 74F193 Datasheet HTML 3Page - National Semiconductor (TI) 74F193 Datasheet HTML 4Page - National Semiconductor (TI) 74F193 Datasheet HTML 5Page - National Semiconductor (TI) 74F193 Datasheet HTML 6Page - National Semiconductor (TI) 74F193 Datasheet HTML 7Page - National Semiconductor (TI) 74F193 Datasheet HTML 8Page - National Semiconductor (TI) 74F193 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF9497
November 1994
54F74F193 UpDown Binary Counter
with Separate UpDown Clocks
General Description
The ’F193 is an updown modulo-16 binary counter Sepa-
rate Count Up and Count Down Clocks are used and in
either counting mode the circuits operate synchronously
The outputs change state synchronously with the LOW-to-
HIGH transitions on the clock inputs Separate Terminal
Count Up and Terminal Count Down outputs are provided
that are used as the clocks for subsequent stages without
extra logic thus simplifying multi-stage counter designs
Individual preset inputs allow the circuit to be used as a
programmable counter Both the Parallel Load (PL) and the
Master Reset (MR) inputs asynchronously override the
clocks
Features
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F193PC
N16E
16-Lead (0300 Wide) Molded Dual-In-Line
54F193DM (Note 2)
J16A
16-Lead Ceramic Dual-In-Line
74F193SC (Note 1)
M16A
16-Lead (0150 Wide) Molded Small Outline JEDEC
74F193SJ (Note 1)
M16D
16-Lead (0300 Wide) Molded Small Outline EIAJ
54F193FM (Note 2)
W16A
16-Lead Cerpack
54F193LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
Connection Diagrams
TLF9497 – 1
IEEEIEC
TLF9497 – 4
Pin Assignment
for DIP SOIC and Flatpak
TLF9497 – 2
Pin Assignment
for LCC
TLF9497 – 3
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74F193

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F193 PHILIPS-74F193 Datasheet
104Kb / 12P
Up/down binary counter with separate up/down clocks
1995 Jul 17
logo
Fairchild Semiconductor
74F193 FAIRCHILD-74F193 Datasheet
97Kb / 8P
Up/Down Binary Counter with Separate Up/Down Clocks
74F193PC FAIRCHILD-74F193PC Datasheet
97Kb / 8P
Up/Down Binary Counter with Separate Up/Down Clocks
74F193SC FAIRCHILD-74F193SC Datasheet
97Kb / 8P
Up/Down Binary Counter with Separate Up/Down Clocks
74F193SJ FAIRCHILD-74F193SJ Datasheet
97Kb / 8P
Up/Down Binary Counter with Separate Up/Down Clocks
More results

Similar Description - 74F193

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F192DM NSC-54F192DM Datasheet
193Kb / 10P
Up/Down Decade Counter with Separate Up/Down Clocks
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B Datasheet
116Kb / 12P
Binary Up/Down Counter
August, 2000 ??Rev. 4
logo
NXP Semiconductors
74F193 PHILIPS-74F193 Datasheet
104Kb / 12P
Up/down binary counter with separate up/down clocks
1995 Jul 17
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
Binary up/down counter
January 1995
logo
Fairchild Semiconductor
74F192 FAIRCHILD-74F192 Datasheet
65Kb / 7P
Up/Down Decade Counter with Separate Up/Down Clocks
74F193 FAIRCHILD-74F193 Datasheet
97Kb / 8P
Up/Down Binary Counter with Separate Up/Down Clocks
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
Binary Up/Down Counter
logo
National Semiconductor ...
54LS192 NSC-54LS192 Datasheet
172Kb / 8P
54LS192/DM74LS192 Up/Down Decade Counter with Separate Up/Down Clocks
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_06 Datasheet
123Kb / 11P
Binary Up/Down Counter
June, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74F192 FAIRCHILD-74F192_00 Datasheet
87Kb / 7P
Up/Down Decade Counter with Separate Up/Down Clocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com