Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF080901F Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTF080901F
Description  LDMOS RF Power Field Effect Transistor 90 W, 869-960 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF080901F Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button PTF080901F Datasheet HTML 2Page - Infineon Technologies AG PTF080901F Datasheet HTML 3Page - Infineon Technologies AG PTF080901F Datasheet HTML 4Page - Infineon Technologies AG PTF080901F Datasheet HTML 5Page - Infineon Technologies AG PTF080901F Datasheet HTML 6Page - Infineon Technologies AG PTF080901F Datasheet HTML 7Page - Infineon Technologies AG PTF080901F Datasheet HTML 8Page - Infineon Technologies AG PTF080901F Datasheet HTML 9Page - Infineon Technologies AG PTF080901F Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet
6
2004-04-05
PTF080901
Test Circuit
Test Circuit Schematic for 960 MHz
Circuit Assembly Information
DUT
PTF080901
LDMOS Transistor
PCB
0.76 mm. [.030”] thick,
ε
r = 4.5
2 oz. copper
Rogers TMM4
Microstrip
Electrical Characteristics at 960 MHz
Dimensions: L x W (mm.)
Dimensions: L x W (in.)
l1
0.075
λ, 50 Ω
12.83 x 1.35
0.505 x 0.053
l2
0.101
λ, 50 Ω
17.27 x 1.35
0.680 x 0.053
l3
0.053
λ, 50 Ω
9.14 x 1.35
0.360 x 0.053
l4
0.289
λ, 73.66 Ω
50.80 x 0.75
2.000 x 0.030
l5
0.061
λ, 7.48 Ω
9.27 x 16.26
0.365 x 0.640
l6
0.097
λ, 7.93 Ω
14.73 x 15.24
0.580 x 0.600
l7, l8
0.132
λ, 52.47 Ω
22.61 x 1.27
0.890 x 0.050
l9
0.105
λ, 7.93 Ω
16.13 x 15.24
0.635 x 0.600
l10
0.134
λ, 38.02 Ω
22.35 x 2.16
0.880 x 0.085
l11
0.029
λ, 50 Ω
4.95 x 1.37
0.195 x 0.053
QQ1
LM7805
1µF
C8
C16
33pF
C17
RF_IN
1.4pF
C13
DUT
2.2pF
C12
33pF
C7
L2
35V
35V
C18
C19
50V
C20
L1
C15
33pF
C14
0.5pF
C9
10µF
35V
0.1µF
50V
C10
RF_OUT
080901_sch
1µF
10µF
10µF
0.1µF
5.1 k
V
R2
33 pF
C3
10 µF, 35 V
C1
0.001 µF
C23
l1
l2
l3
l5
l8
l6
l7
l9
l10
l4
l11
VDD
22 k
V
R6
10 k
V
R5
3.3 k
V
R7
1.2 k
V
R3
Q1
BCP56
33pF
C4
4.3pF
C5
C6
6.2pF
10µF
35V
C11
1.3 k
V
R4
0.001 µ F
C21
0.001 µF
C22
0.1 µF
50 V
C2
10
V
R1
+
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com