Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF080901F Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PTF080901F
Description  LDMOS RF Power Field Effect Transistor 90 W, 869-960 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF080901F Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PTF080901F Datasheet HTML 2Page - Infineon Technologies AG PTF080901F Datasheet HTML 3Page - Infineon Technologies AG PTF080901F Datasheet HTML 4Page - Infineon Technologies AG PTF080901F Datasheet HTML 5Page - Infineon Technologies AG PTF080901F Datasheet HTML 6Page - Infineon Technologies AG PTF080901F Datasheet HTML 7Page - Infineon Technologies AG PTF080901F Datasheet HTML 8Page - Infineon Technologies AG PTF080901F Datasheet HTML 9Page - Infineon Technologies AG PTF080901F Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
highpowerRF@infineon.com
To request other information, contact us at:
+1 877 465 3667 (1-877-GOLDMOS) USA
or +1 408 776 0600 International
PTF080901
Confidential - Limited Internal
Revision History:
2004-04-05
Data Sheet
Previous Version:
2004-01-02, Data Sheet
Page
Subjects (major changes since last revision)
1,8,9
Add information about PTF080901F, new package outline diagrams
6,7
Circuit information updated.
GOLDMOS® is a registered trademark of Infineon Technologies AG.
Edition 2004-04-05
Published by Infineon Technologies AG,
St.-Martin-Strasse 53,
81669 München, Germany
© InfineonTechnologies AG 2003.
All Rights Reserved.
Attention please!
The information herein is given to describe certain components and shall not be considered as a guarantee of
characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits,
descriptions and charts stated herein.
Information
For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon
Technologies Office (www.infineon.com/rfpower).
Warnings
Due to technical requirements components may contain dangerous substances. For information on the types in question
please contact your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of
Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support
device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are
intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it
is reasonable to assume that the health of the user or other persons may be endangered.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com