Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE303 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE303
Description  High-precision Low Voltage Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE303 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE303 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE303 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE303 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE303 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE303 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE303 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE303 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE303 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE303 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ACE303
High-precision Low Voltage Detector
VER 1.2
2
Ordering information
ACE303
X XX XXX +
H
Block diagram
N channel open-drain
Recommended Work Conditions
Item
Min
Recommended
Max
Unit
Input Voltage
0.7
10
V
Ambient temperature
-40
25
85
Electrical Characteristics:
ACE303N09BMA + (0.9V) (Topt=25℃, Unless otherwise specified.)
Symbol
Parameter
Conditions
Reference data
Unit
Min.
Typ.
Max.
-VDET
Detector Threshold
0.873 0.900 0.927
V
VHYS
Detector Threshold Hysteresis
0.018 0.036 0.054
V
ISS
Current Consumption
VDD=2.9V
1
2.5
uA
VDDH
Maximum Operating Voltage
10
V
VDDL
Minimum Operating Voltage
0.5
V
IOUT
Output Current
VDS=0.05V, VDD=0.7V
VDS=0.50V, VDD=0.8V
0.01
0.05
0.05
0.50
mA
TPLH
Output Delay Time
20
uS
Detector Voltage 0.9V ~ 6.0V
Pb - free
Halogen - free
Output type N: Nch
BMA: SOT-23-3 (A)
BMB: SOT-23-3 (B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com