Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE303 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE303
Description  High-precision Low Voltage Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE303 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE303 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE303 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE303 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE303 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE303 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE303 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE303 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE303 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE303 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ACE303
High-precision Low Voltage Detector
VER 1.2
4
ACE303N34XXX + (3.4V) (Topt=25℃, Unless otherwise specified.)
Symbol
Parameter
Conditions
Reference data
Unit
Min.
Typ.
Max.
-VDET
Detector Threshold
3.298
3.400
3.502
V
VHYS
Detector Threshold Hysteresis
0.068
0.136
0.204
V
ISS
Current Consumption
VDD=5.0V
0.5
2.5
uA
VDDH
Maximum Operating Voltage
10
V
VDDL
Minimum Operating Voltage
0.5
V
IOUT
Output Current
VDS=0.05V, VDD=0.7V
0.01
0.05
mA
TPLH
Output Delay Time
20
uS
ACE303N35XXX + (3.5V) (Topt=25℃, Unless otherwise specified.)
Symbol
Parameter
Conditions
Reference data
Unit
Min.
Typ.
Max.
-VDET
Detector Threshold
3.395
3.500
3.605
V
VHYS
Detector Threshold Hysteresis
0.070
0.140
0.210
V
ISS
Current Consumption
VDD=5.0V
0.5
2.5
uA
VDDH
Maximum Operating Voltage
10
V
VDDL
Minimum Operating Voltage
0.5
V
IOUT
Output Current
VDS=0.05V, VDD=0.7V
0.01
0.05
mA
TPLH
Output Delay Time
20
uS
ACE303N40XXX + (4.0V) (Topt=25℃, Unless otherwise specified.)
Symbol
Parameter
Conditions
Reference data
Unit
Min.
Typ.
Max.
-VDET
Detector Threshold
3.880
4.000
4.120
V
VHYS
Detector Threshold Hysteresis
0.08
0.16
0.24
V
ISS
Current Consumption
VDD=5.0V
0.5
2.5
uA
VDDH
Maximum Operating Voltage
10
V
VDDL
Minimum Operating Voltage
0.5
V
IOUT
Output Current
VDS=0.05V, VDD=0.7V
0.01
0.05
mA
TPLH
Output Delay Time
20
uS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com