Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE535C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE535C
Description  300mA High PSRR, Fast Response Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE535C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE535C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE535C
300mA High PSRR, Fast Response Linear Regulator
VER 1.1
2
Typical Performance Characteristic:
Line Regulation
Absolute Maximum Ratings
Parameter
Max
Unit
Max Input voltage
8
V
Operating Junction Temperature(Tj)
125
OC
Output Current
300
mA
Ambient Temperature(Ta)
-40~85
OC
Package Thermal Resistance (
θj
A) SOT-23-5
220
OC/W
Power Dissipation
SOT-23-5
250
mW
DFN1*1-4
600
Storage temperature
(Ts)
- 45 to 150
OC
Lead Temperature & Time
260
OC,10S
OC
Note:
1)Heat Sink Area of PCB for DFN1x1-4 is recommended at least 2.5mmx4mm.
2) Package Thermal Resistance value can be affected by PCB design, outside radiator, ambient airflow, operating power, it just
shows for reference.
3) Exceed these limits to damage to the device.
4) Exposure to absolute maximum rating conditions may affect device reliability



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com