Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE535C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE535C
Description  300mA High PSRR, Fast Response Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE535C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE535C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE535C
300mA High PSRR, Fast Response Linear Regulator
VER 1.1
3
Packaging Type
SOT-23-5
DFN1*1-4
5
4
4
3
1
2
3
1
2 (Thermal Pad: Vss)
Ordering information
ACE535C XX
XX + H
Block Diagram
Recommended Work Conditions
Item
Min
Max
Unit
Input Voltage Range
1.5
6
V
Ambient Temperature
-40
85
℃
SOT-23-5
DFN1*1-4
Description
Function
5
1
Vout
Output pin
1
4
Vin
Input pin
2
2
VSS
Ground pin
3
3
CE
Chip Enable pin
4
NC
No Connection
BN: SOT-23-5
IN: DFN1*1-4
Output Voltage: 1.0V/1.5V/1.8V…..4.5V
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com