Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE724C Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE724C
Description  18V 2A Synchronous PFM/PWM Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE724C Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE724C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE724C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE724C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE724C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE724C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE724C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE724C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE724C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE724C Datasheet HTML 10Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ACE724C
18V 2A Synchronous PFM/PWM Buck Converter
VER 1.5
6
Typical performance characteristics
(Vin=12V, Vout=3.3V, L=10uH, Cin=10uF, Cout=22uF, TA=25℃, unless otherwise stated)
Functional Descriptions
Loop Operation
The ACE724C is a wide input range, high
‐efficien
of delivering up to 2A of output current, integrated with a 110m  synchronous MOSFET, eliminating the
need for external diode. It uses a PWM current
‐m ode c
between the FB signal and the internal reference voltage. The output of the integrator is then compared to
the sum of a current
‐sense signal and the slope compensation
ramp. This operation generates a PWM
signal that modulates the duty cycle of the power MOSFETs to achieve regulation for output voltage.
Current Limit
There is a cycle
‐by‐cycle current lim it on the high‐side MO
5A (typ). When the current flowing
out of SW exceeds this limit, the high
‐side M
Unlike the traditional method of current limiting by limiting the voltage at the compensation pin, which
usually has large variation due to duty cycle variance, this type of peak current limiting scheme provides a
relatively more accurate limit for output current, thereby lowering the requirements for system design.
Light Load Operation
Traditionally, a fixed current mode constant frequency PWM DC
‐DC regulator alway
itches even
when the output load is small. When energy is shuffling back and forth through the power MOSFETs,
power is lost due to the finite RDSONs of the MOSFETs and parasitic capacitances. At light load, this loss
is prominent and efficiency is therefore very low. ACE724C employs a proprietary control scheme that
improves efficiency in this situation by enabling the device into a power save mode during light load,
thereby extending the range of high efficiency operation.
Faster Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com