Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE724C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE724C
Description  18V 2A Synchronous PFM/PWM Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE724C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE724C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE724C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE724C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE724C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE724C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE724C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE724C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE724C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE724C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE724C
18V 2A Synchronous PFM/PWM Buck Converter
VER 1.5
1
Description
The ACE724C is a high efficiency current-mode synchronous, 18V/2A buck converter. Its input voltage
ranges from 3.5V to 18V and it provides an adjustable regulated output voltage from 0.923V to 15V while
delivering up to 2A of output current.
The internal synchronous switches increase efficiency and eliminate the need for an external Schottky
diode. The switching frequency is set to 340KHz. And the ACE724C will automatically switch between
PFM and PWM mode based on the load current, thus to enhance the converter efficiency at light load.
ACE724C consists of many protection block such as UVLO, input voltage over voltage protection to
stand much higher input voltage spike, thermal protection and output short circuit protection.
Features
• Adjustable Output Voltage, Vfb=0.923V
• Maximum output current is 2A
• Range of operation input voltage: Max 18V
• UVLO: 3.4V (typ.)
• Withstand input voltage spike >30V
• Standby current: 1mA (typ.)
• Operating current at zero load: 1.2mA (typ.)
• Line regulation: 0.1%/V (typ.)
• Load regulation: 10mV (typ.)
• High efficiency, up to 95%
• Environment Temperature: -20℃~85℃
Application
• Set-top-box
• Consumer Electronic Device for automobile
• LCD Monitor and LCD TV
• Portable DVD
• ADSL Modem, WLAN router
• Other 12V or double cell Li-ion battery powered device
Absolute Maximum Ratings
Parameter
Symbol Value Unit
Input voltage
30
V
Ambien temperature
TA
-20~85
℃
Package thermal resistance
SOP-8
ESOP-8
Θ
JC
45
25
℃/W
Max Operation junction temperature
Tj
125
℃
ESD (HBM)
>2000
V
Storage temperature range
TS
-40~125 ℃
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE724C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE724 ACE-ACE724 Datasheet
732Kb / 10P
18V (30V spike) 2A Synchronous PFM/PWM Buck Converter
VER 1.3
More results

Similar Description - ACE724C

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8091 BELLING-BL8091 Datasheet
963Kb / 7P
18V (30V spike) 2A Synchronous PFM/PWM Buck Converter
BL9382 BELLING-BL9382 Datasheet
940Kb / 7P
18V (30V spike) 2A Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE724 ACE-ACE724 Datasheet
732Kb / 10P
18V (30V spike) 2A Synchronous PFM/PWM Buck Converter
VER 1.3
logo
Exar Corporation
XRP7674 EXAR-XRP7674 Datasheet
737Kb / 12P
2A 18V Synchronous PFM/PWM Step-Down Regulator
XRP7675 EXAR-XRP7675 Datasheet
784Kb / 12P
3A 18V Synchronous PFM/PWM Step-Down Regulator
logo
SHANGHAI BELLING CO., L...
BL8092 BELLING-BL8092 Datasheet
605Kb / 7P
18V (30V spike)2.5A Synchronous PFM/PWM Buck Converter
logo
Diodes Incorporated
AP3512E DIODES-AP3512E Datasheet
616Kb / 14P
18V, 2A SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
logo
uPI Group Inc.
UP1723 UPI-UP1723 Datasheet
268Kb / 16P
2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
UP1724 UPI-UP1724 Datasheet
234Kb / 13P
2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
logo
Diodes Incorporated
AP62200 DIODES-AP62200 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com