Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE727C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE727C
Description  600KHz, 16V, 2A Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE727C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE727C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACE727C
600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
2
Packaging Type
SOT23-6
PIN
NO.
Description
Function
1
BS
Boostrap. A capacitor connected between SW and BS pins is required to form a
floating supply across the high-side switch driver.
2
GND
Ground
3
FB
Adjustable version feedback input. Connect FB to the center point of the external
resistor divider.
4
EN
Drive this pin to a logic-high to enable the IC. Drive to a logic-low to disable the IC and
enter micro-power shutdown mode.
5
VIN
Power supply Pin
6
SW
Switching Pin
Ordering information
ACE727CGM + H
TYPICAL APPLICATION
Pb - free
GM: SOT23-6
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com