Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE727C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE727C
Description  600KHz, 16V, 2A Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE727C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE727C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACE727C
600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
3
BLOCK DIAGRAM
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
Input Voltage Range
3.5
16
V
UVLO Threshold
2
V
Supply Current in Operation
VEN = 2.0V, VFB = 1.1V
0.4
0.6
mA
Supply Current in Shutdown
VEN = 0V or VEN = GND
1
μA
Regulated Feedback Voltage
4.5V≤V
IN
≤18V
0.588
0.6
0.612
V
High-side Switch On Resistance
90
mΩ
Low-side Switch On Resistance
70
mΩ
High-side Switch Leakage Current
VEN = 0V, VSW = 0V
0
10
μA
Upper Switch Current Limit
Minimum Duty Cycle
4.2
A
Oscillation Frequency
600
kHz
Maximum Duty Cycle
92
%
Minimum On Time
VFB = 0.6V
60
ns
Thermal Shutdown
170
OC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com