Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE752D Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE752D
Description  120KHz 3.5A Buck DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE752D Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE752D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE752D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE752D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE752D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE752D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE752D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE752D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE752D Datasheet HTML 8Page - ACE Technology Co., LTD. ACE752D Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACE752D
120KHz 3.5A Buck DC-DC Converter
VER 1.1
4
Electrical Characteristics (Tamb=25°C, VIN=12V, VOUT=5V, Load Current=0, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage Range
VIN
VIN pin voltage
10
40
V
Feedback Reference Voltage
VFB
0.815
0.835
0.855
V
Feedback Current
IFB
VFB=0.81V
-0.1
μA
Quiescent Current (Switch Off)
Iswitch off
VFB=1V
0.75
1
μA
Current Sense Offset Voltage
VCS
70
75
80
mA
Switching Frequency
FS
VFB=0.6V
96
120
144
KHz
NMOS Switch On Resistance
RON
VSW=0V
0.15
10
Ω
NMOS Switch Leakage Current
IIeak
104
μA
NMOS Current Limit
ILMIT
3
3.5
A
UVLO Input Rising Voltage
VIN(rising)
8
9
V
UVLO o Voltage Hysteresis
VIN(hyst)
2
V
Thermal Shutdown Temperature
Tj(sd)
150
°C
Thermal Shutdown Hysteresis
Thyst
20
°C
SoftStart Time
TSS
16
mS
FUNCTION DESCRIPTION
The ACE752D is a complete and simple step down DC-DC converter with adjustable current Limit. By
means of an on board current sense resistor and the availability of the current sense pins, a current limit
programming is very simple and accurate.
Moreover, constant current control can be used to charge batteries. The device can be used as a
standard DC-DC converter with adjustable current limit (set by using the external sense resistor).
The internal robust N-channel MOS transistor with
a typical value of 150 mΩ assures high efficiency
and a minimum dropout even at high output current level. The internal limiting current of typical value of
3.5 A protects the device from accidental overload avoiding dangerous loads damage.
When overload or output short, the main switch is turned on and off periodically to limit the current
delivered to the load, protect the load and the device itself. When output short is removed or the load
decrease to normal, the output voltage recovers.
If the temperature of the chip goes higher than a fixed internal threshold (150 °C with 20°C hysteresis),
the device is turned off.
The internal fixed switching frequency of 120 kHz, and the small SOP-8/ESOP-8 packages allow
building an ultra compact DC-DC converter with a minimum board space.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com