Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE752D Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE752D
Description  120KHz 3.5A Buck DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE752D Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE752D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE752D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE752D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE752D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE752D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE752D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE752D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE752D Datasheet HTML 8Page - ACE Technology Co., LTD. ACE752D Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE752D
120KHz 3.5A Buck DC-DC Converter
VER 1.1
1
Description
The ACE752D is a high efficiency step down DC-DC converter with adjustable current limit in compact
SOP-8/ESOP-8 packages, including an error amplifier, ramp generator, current comparator, slope
compensation, current sense and logic driver. It also integrates a current error amplifier to have a
constant voltage and constant current control. Peak current mode PWM control with external adjustable
compensation provides a stable and high efficient operation over a wide range of load currents. By
means of an on board current sense resistor and the availability of the current sense pins, a current limit
programming is very simple and accurate.
The internal robust DMOS transistor with a typical of 150 mΩ
assures high efficiency even at high output current level. The internal limiting current of typical value of
3.5 A, output short and over temperature protection, protect the device from accidental damage. The
internal fixed switching frequency of 120 kHz, and the SOP-8/ESOP-8 packages pin allow building an
ultra compact DC/ DC converter with a minimum board space.
Features
Up to 2.1A/2.4Aoutput current
Input Under Voltage Lockout
Operating voltage can be up to 40V
120 kHz Internal Jitter Frequency for lower EMI
Patent-Technique Constant Voltage and Constant Current Control.
Patent-Technique Output Voltage Compensation
Adjustable current limit
Over Temperature Protection
Small SOP-8/ESOP-8 Packages
Application
Car Charger/Adaptor
Rechargeable Portable Devices
General-purpose step-down converters with adjustable current limit


Similar Part No. - ACE752D

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
ACE757P ACE-ACE757P Datasheet
221Kb / 3P
1A Light Load Mode Buck Regulator with Integrated Inductor
VER 1.2
ACE758P ACE-ACE758P Datasheet
116Kb / 3P
1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
VER 1.2
More results

Similar Description - ACE752D

ManufacturerPart #DatasheetDescription
logo
Rohm
RTQ035P02 ROHM-RTQ035P02 Datasheet
93Kb / 5P
DC-DC Converter (-20V, -3.5A)
RSQ035P03 ROHM-RSQ035P03 Datasheet
94Kb / 5P
DC-DC Converter (-30V, -3.5A)
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
DC/DC Buck Converter
logo
Toshiba Semiconductor
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
Buck DC-DC Converter IC
TB7106F TOSHIBA-TB7106F Datasheet
491Kb / 16P
Buck DC-DC Converter IC
logo
Analog Microelectronics
AME5235 AME-AME5235 Datasheet
794Kb / 15P
40V 3.5A Buck Converter
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
DC-DC BUCK CONVERTER
logo
Shenzhen Huazhimei Semi...
HM3108 HMSEMI-HM3108 Datasheet
651Kb / 9P
3.5A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com