Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2020M Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE2020M
Description  N-Channel 200-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2020M Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE2020M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2020M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2020M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2020M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2020M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2020M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2020M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ACE2020M
N-Channel 200-V MOSFET
VER 1.1
4
Typical Performance Characteristics (N-Channel)
ID-Drain Current (A)
VGS - Gate-to-Source Voltage (V)
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
VGS - Gate-to-Source Voltage (V)
VSD - Source-to-Drain Voltage (V)
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
VDS - Drain-to-Source Voltage (V)
VDS-Drain-to-Source Voltage (V)
5. Output Characteristics
6. Capacitance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com