Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2020M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE2020M
Description  N-Channel 200-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2020M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2020M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2020M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2020M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2020M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2020M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2020M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2020M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE2020M
N-Channel 200-V MOSFET
VER 1.1
1
Description
ACE2020M uses advanced trench technology to provide excellent RDS(ON).
This device particularly suits for low voltage application such as power management of desktop
computer or notebook computer power management, DC/DC converter.
Features
• Low r
DS(on) trench technology
• Low thermal impedance
• Fast switching speed
Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
200
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
TC=25°C
ID
12
A
Pulsed Drain Current
b
IDM
50
A
Continuous Source Current (Diode Conduction)
a
IS
47
A
Power Dissipation
TC=25°C
PD
50
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum Unit
Maximum Junction-to-Ambient
a
RθJA
40
°C/W
Maximum Junction-to-Case
RθJC
3
Notes
a. Surface Mounted on 1” x 1” FR4 Board, drain pad using 2 oz copper, value dependent on PC board thermal characteristics.
b. Pulse width limited by maximum junction temperature.


Similar Part No. - ACE2020M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2006M ACE-ACE2006M Datasheet
536Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
ACE2010M ACE-ACE2010M Datasheet
365Kb / 5P
P-Channel -100V MOSFET
VER 1.1
More results

Similar Description - ACE2020M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
N-Channel 200-V (D-S) MOSFET
24-Nov-03
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
N-Channel 200-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
N-Channel 200-V (D-S) MOSFET
logo
ACE Technology Co., LTD...
ACE1020M ACE-ACE1020M Datasheet
526Kb / 7P
N-Channel 200-V MOSFET
VER 1.1
logo
Analog Power
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
N-Channel 200 V (D-S) MOSFET
04-Jul-16
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
N-Channel 200 V (D-S) MOSFET
23-May-16
logo
Analog Power
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
N-Channel 200-V (D-S) MOSFET
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
N-Channel 200-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com