Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7100AS Datasheet(PDF) 19 Page - STMicroelectronics

Part # VNH7100AS
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7100AS Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VNH7100AS Datasheet HTML 15Page - STMicroelectronics VNH7100AS Datasheet HTML 16Page - STMicroelectronics VNH7100AS Datasheet HTML 17Page - STMicroelectronics VNH7100AS Datasheet HTML 18Page - STMicroelectronics VNH7100AS Datasheet HTML 19Page - STMicroelectronics VNH7100AS Datasheet HTML 20Page - STMicroelectronics VNH7100AS Datasheet HTML 21Page - STMicroelectronics VNH7100AS Datasheet HTML 22Page - STMicroelectronics VNH7100AS Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
DocID028092 Rev 4
19/38
VNH7100AS
Electrical specifications
37
Table 13. Off-state - truth table
INA
INB
SEL0
PWM
OutA
OutB
CS
Description
Off-state diagnostic
00
1
0
VoutA>VOL
xVSENSEH
Case 1. OutA shorted to VCC if no
pull-up is applied
Case 2. No open-load in full bridge
configuration with an external pull-
up on OutB
Case 3. open-load in half bridge
configuration with an external pull-
up on OutA(motor connected
between OutA and Ground)
VoutA<VOL
xHi-Z
Case 1. Open-load in full Bridge
configuration with an external pull-
up on OutB
Case 2. No open-load in half Bridge
configuration with external pull-up
on OutA (motor connected between
OutA and Ground)
0(1)(2)
XVoutB>VOL
VSENSEH
Case 1. OutB shorted to VCC if
no pull-up is applied
Case 2. No open-load in full
bridge configuration with
external pull-up on OutA
Case 3. Open-load in half bridge
configuration with external pull-up
on OutB (motor connected between
OutB and Ground)
XVoutB<VOL
Hi-Z
Case1. Open-load in full Bridge
configuration with an external pull-
up on OutA
Case 2. No open-load in half Bridge
configuration with external pull-up
on OutB (motor connected between
OutB and Ground)
1.
The device enters standby mode after tD_STBY
2.
To power on the device from the standby, it is recommended to toggle INA or INB from 0 to 1 first and then PWM from 0 to 1
to avoid any over-stress on the device in case of short-to-battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com