Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7100AS Datasheet(PDF) 25 Page - STMicroelectronics

Part # VNH7100AS
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7100AS Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VNH7100AS Datasheet HTML 21Page - STMicroelectronics VNH7100AS Datasheet HTML 22Page - STMicroelectronics VNH7100AS Datasheet HTML 23Page - STMicroelectronics VNH7100AS Datasheet HTML 24Page - STMicroelectronics VNH7100AS Datasheet HTML 25Page - STMicroelectronics VNH7100AS Datasheet HTML 26Page - STMicroelectronics VNH7100AS Datasheet HTML 27Page - STMicroelectronics VNH7100AS Datasheet HTML 28Page - STMicroelectronics VNH7100AS Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
DocID028092 Rev 4
25/38
VNH7100AS
Application information
37
3.4
Device configurations
Figure 18. Half-bridge configuration (case a)
Note:
The VNH7100AS can be used in half bridge configuration as the two legs can be
independently driven. The SEL0 pin can be used to address the diagnostic on the CS
according to the operative truth table.
Figure 19. Half-bridge configuration (case b)
Note:
The VNH7100AS can be used in applications where an half-bridge with a resistance of
50 m
Ω per leg is needed.
2.
Test pulse from ISO 7637-2:2004(E).
3.
With 40 V external suppressor referred to ground (-40°C < Tj < 150°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com