Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7100ASTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # VNH7100ASTR
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7100ASTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VNH7100ASTR Datasheet HTML 20Page - STMicroelectronics VNH7100ASTR Datasheet HTML 21Page - STMicroelectronics VNH7100ASTR Datasheet HTML 22Page - STMicroelectronics VNH7100ASTR Datasheet HTML 23Page - STMicroelectronics VNH7100ASTR Datasheet HTML 24Page - STMicroelectronics VNH7100ASTR Datasheet HTML 25Page - STMicroelectronics VNH7100ASTR Datasheet HTML 26Page - STMicroelectronics VNH7100ASTR Datasheet HTML 27Page - STMicroelectronics VNH7100ASTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Application information
VNH7100AS
24/38
DocID028092 Rev 4
It is preferable to switch-off VPU by using an external pull_up switch to reduce the overall
standby current during he module standby mode.
Rpull_up must be dimensioned to ensure that in normal operative conditions VOUT > VOLmax.
To satisfy this condition the Rpull_up must be selected according to:
•
if the device is used in half bridge configuration, the equation is:
•
if the device is used in H-bridge configuration, the equation is:
3.3
Immunity against transient electrical disturbances
The immunity of the device against transient electrical emissions, conducted along the
supply lines and injected into the VCC pin, is tested in accordance with ISO7637-2:2011 (E)
and ISO 16750-2:2010.
The related function performance status classification is shown in Table 14.
Test pulses are applied directly to DUT (Device Under Test) both in ON and OFF-state and
in accordance to ISO 7637-2:2011(E), chapter 4. The DUT is intended as the present device
only, without components and accessed through VCC and GND terminals.
Status II is defined in ISO 7637-1 Function Performance Status Classification (FPSC) as
follows: “The function does not perform as designed during the test but returns automatically
to normal operation after the test”.
R
pull_up
V
BATTm in
V
OLmax
–
I
L(off2)min[@VOLmax]
--------------------------------------------------------
<
R
pull_up
V
BATTm in
V
OLmax
–
2I
×
L(off2)min[@VOLmax]
--------------------------------------------------------------
<
Table 14. ISO 7637-2 - electrical transient conduction along supply line
Test
Pulse
2011(E)
Test pulse severity
level with Status II
functional performance
status
Minimum
number of
pulses or test
time
Burst cycle / pulse
repetition time
Pulse duration and
pulse generator
internal impedance
Level
US
(1)
1.
US is the peak amplitude as defined for each test pulse in ISO 7637-2:2011(E), chapter 5.6.
min
max
1
III
-112 V
500 pulses
0,5 s
2ms, 10
Ω
2a
III
+55 V
500 pulses
0,2 s
5 s
50µs, 2
Ω
3a
IV
-220 V
1h
90 ms
100 ms
0.1µs, 50
Ω
3b
IV
+150 V
1h
90 ms
100 ms
0.1µs, 50
Ω
4(2)
IV
-7 V
1 pulse
100ms, 0.0 1
Ω
Load dump according to ISO 16750-2:2010
Test B(3)
40 V
5 pulse
1 min
400 ms, 2
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com